Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC2066ISC6TRPBF Datasheet HTML 4Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 5Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 6Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 7Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 8Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 9Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 10Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 11Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC2066/LTC2067/LTC2068
8
Rev. B
For more information www.analog.com
Input Offset and Average Current
vs Input Common Mode Voltage
Input Offset and Average Current
vs Input Common Mode Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
DC to 10Hz Voltage Noise
Input Referred Voltage Noise
Density
VS = 1.8V
TA = 25°C
IAVG
IOS
VCM (V)
–0.5
0
0.5
1
1.5
2
2.5
–5
–4
–3
–2
–1
0
1
2
3
4
5
2066 G17
VS = ± 2.5V
TIME (1s/DIV)
2066 G18
Input Referred Current Noise
Density
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
Closed Loop Gain vs Frequency
VS = ± 2.5V
VS = ± 0.9V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
10
100
1k
10k
2066 G19
VS = 5V
TA = 25°C
IAVG
IOS
VCM (V)
–0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2066 G16
VIN = 100mVPK
EMIRR = 20log(100mV/∆VOS)
RF FREQUENCY (GHz)
0.05
0.1
1
4
20
40
60
80
100
120
2066 G21
AV = +1000
AV = +100
AV = +10
AV = –1
AV = +1
VS = 5V
RL = 499kΩ
RF = 1MΩ
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
–30
–20
–10
0
10
20
30
40
50
60
70
2066 G24
RL = 499kΩ
VS = 5V
VS = 1.8V
FREQUENCY (Hz)
0.1
1
10 100 1k 10k 100k 1M 10M
0
20
40
60
80
100
120
140
2066 G22
EMI Rejection vs Frequency
VS = 5V
VCM = 2.5V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 100k 1M
10
100
1k
10k
2066 G20
VS = 5V
RL = 499kΩ
+PSRR
–PSRR
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
2066 G23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com