Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2066ISC6TRPBF Datasheet HTML 7Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 8Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 9Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 10Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 11Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 12Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 13Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 14Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC2066/LTC2067/LTC2068
11
Rev. B
For more information www.analog.com
Shutdown Supply Current vs
Supply Voltage
Shutdown Supply Current vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing High
vs Load Current
Output Voltage Swing High
vs Load Current
125°C
85°C
25°C
–40°C
VS (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
0
50
100
150
200
250
300
350
400
2066 G45
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
50
100
150
200
250
300
350
2066 G46
VS = 1.8V
VS = 5V
VS = ± 2.5V
125°C
85°C
25°C
–40°C
ISOURCE (mA)
0.01
0.1
1
10
100
0.1
1
10
100
1000
4000
2066 G47
VS = ± 0.9V
125°C
85°C
25°C
–40°C
ISOURCE (mA)
0.01
0.1
1
10
100
0.1
1
10
100
1000
2066 G48
VS = ± 2.5V
125°C
85°C
25°C
–40°C
ISINK (mA)
0.01
0.1
1
10
100
0.1
1
10
100
1000
4000
2066 G49
Output Voltage Swing Low
vs Load Current
Output Voltage Swing Low
vs Load Current
VS = ± 0.9V
125°C
85°C
25°C
–40°C
ISINK (mA)
0.01
0.1
1
10
100
0.1
1
10
100
1000
2066 G50
VS = 5V
VSHDN (V)
–1
0
1
2
3
4
5
6
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
2066 G42
125°C
85°C
25°C
–40°C
VS = 1.8V
VSHDN (V)
–1
–0.5
0
0.5
1
1.5
2
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
2066 G43
125°C
85°C
25°C
–40°C
VSHDN = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–80
–70
–60
–50
–40
–30
2066 G44
VS = 1.8V
VS = 5V
SHDN Pin Pull-Up Current vs
SHDN Pin Voltage
SHDN Pin Pull-Up Current vs
SHDN Pin Voltage
SHDN Pin Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com