Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 1 Page - Analog Devices

  LTC2066ISC6TRPBF Datasheet HTML 1Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 2Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 3Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 4Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 5Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 6Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 7Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 8Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC2066/LTC2067/LTC2068
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
10µA Supply Current,
Low IB, Zero-Drift Operational Amplifier
The LTC®2066/LTC2067/LTC2068 are single, dual,
and quad low power, zero-drift, 100kHz amplifiers. The
LTC2066/LTC2067/LTC2068 enable high resolution mea-
surement at extremely low power levels.
Typical supply current is 7.5µA per amplifier with a maxi-
mum of 10µA. The available shutdown mode has been
optimized to minimize power consumption in duty-cycled
applications and features low charge loss during power-
up, reducing total system power.
The LTC2066/LTC2067/LTC2068’s self-calibrating cir-
cuitry results in very low input offset (5µV max) and offset
drift (0.02µV/°C). The maximum input bias current is only
35pA and does not exceed 150pA over the full specified
temperature range. The extremely low input bias current
of the LTC2066/LTC2067/LTC2068 allows the use of high
value power-saving resistors in the feedback network.
With its ultralow quiescent current and outstanding pre-
cision, the LTC2066/LTC2067/LTC2068 can serve as a
signal chain building block in portable, energy harvest-
ing and wireless sensor applications.
The LTC2066 is available in 6-lead SC70 and 5-lead TSOT-
23 packages. The LTC2067 is available in 8-lead MSOP
and 10-lead DFN packages. The LTC2068 is available in
14-lead TSSOP and 16-lead 3mm × 3mm QFN packages.
These devices are fully specified over the –40°C to 85°C
and –40°C to 125°C temperature ranges.
Precision Micropower Low Side Current Sense
Output Voltage vs Sense Current
APPLICATIONS
n
Low Supply Current: 10μA Maximum (per Amplifier)
n
Offset Voltage: 5μV Maximum
n
Offset Voltage Drift: 0.02μV/°C Maximum
n
Input Bias Current:
n
5pA Typical
n
50pA Maximum, –40°C to 85°C
n
150pA Maximum, –40°C to 125°C
n
Integrated EMI Filter (90dB Rejection at 1.8GHz)
n
Shutdown Current: 170nA Maximum (per Amplifier)
n
Rail-to-Rail Input and Output
n
1.7V to 5.25V Operating Supply Range
n
AVOL: 140dB Typical
n
Low-Charge Power-Up for Duty Cycled Applications
n
Specified Temperature Ranges:
n
–40°C to 85°C
n
–40°C to 125°C
n
SC70, TSOT23, MS8, DFN10, TSSOP14 and
QFN16 Packages
n
Signal Conditioning in Wireless Mesh Networks
n
Portable Instrumentation Systems
n
Low-Power Sensor Conditioning
n
Gas Detection
n
Temperature Measurement
n
Medical Instrumentation
n
Energy Harvesting Applications
n
Low Power Current Sensing
All registered trademarks and trademarks are the property of their respective owners.
10k*
0.1%
1M
0.1%
VOUT = 10 • ISENSE
1mV TO 2.5V
VIN
*RESISTOR CANCELS OUT PARASITIC SEEBECK EFFECT VOLTAGE
3.3V
100m
0.1%
ISENSE
100µA TO 250mA
LOAD
10k
0.1%
2066 TA01a
LTC2066
ISENSE (mA)
0.1
1
10
100 250
0.001
0.01
0.1
1
2.5
2066 TA01b


Similar Part No. - LTC2066ISC6TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
10關A Supply Current Low IB, Zero-Drift Operational Amplifier
LTC2066 AD-LTC2066 Datasheet
2Mb / 32P
2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
Rev. C
More results

Similar Description - LTC2066ISC6TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
logo
Analog Devices
LTC2063 AD-LTC2063 Datasheet
2Mb / 24P
2關A Supply Current, Low IB, Zero-Drift Operational Amplifier
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
10關A Supply Current Low IB, Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com