Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 5 Page - Analog Devices

  LTC2066ISC6TRPBF Datasheet HTML 1Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 2Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 3Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 4Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 5Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 6Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 7Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 8Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC2066/LTC2067/LTC2068
5
Rev. B
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VS = 5V, VCM = VOUT = VS/2, VSHDN = 5V,
RL to VS/2.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by two series connected ESD protection
diodes to each power supply. The input current should be limited to less than
10mA. The input voltage should not exceed 300mV beyond the power supply.
Note 3: A heat sink may be required to keep the junction temperature below
the absolute maximum rating when the output is shorted indefinitely.
Note 4: The LTC2066I/LTC2067I/LTC2068I is guaranteed to meet specified
performance from –40°C to 85°C. The LTC2066H/LTC2067H/LTC2068H is
guaranteed to meet specified performance from –40°C to 125°C.
Note 5: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are for short traces
connected to the leads.
Note 6: These parameters are guaranteed by design. Thermocouple effects
preclude measurements of these voltage levels during automated testing.
VOS is measured to a limit determined by test equipment capability.
Note 7: Input Bias Current, Input Offset Current and Open Loop Gain are
only production tested at 5V. Input Bias Current and Input Offset Current
at 1.8V are expected to meet 5V specifications.
Note 8: Minimum specifications for these parameters are limited by noise
and the capabilities of the automated test system.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
In Shutdown (SHDN = V–)
–40°C to 85°C
–40°C to 125°C
l
l
90
170
250
500
nA
nA
nA
VH
SHDN Pin Threshold, Logic High (Referred to V–)
l
1.8
V
VL
SHDN Pin Threshold, Logic Low (Referred to V–)
l
0.8
V
ISHDN
SHDN Pin Current
VSHDN = 0V
l
–150
–20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com