Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 4 Page - Analog Devices

  LTC2066ISC6TRPBF Datasheet HTML 1Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 2Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 3Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 4Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 5Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 6Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 7Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 8Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC2066/LTC2067/LTC2068
4
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 6)
VS = 5.25V
l
1
±5
±10
μV
μV
ΔVOS/ΔT Input Offset Voltage Drift (Note 6)
–40°C to 85°C
–40°C to 125°C
l
l
±0.02
±0.04
μV/°C
µV/°C
IB
Input Bias Current
–40°C to 85°C
–40°C to 125°C
l
l
±5
±35
±50
±150
pA
pA
pA
IOS
Input Offset Current
LTC2066, LTC2067
–40°C to 85°C
–40°C to 125°C
l
l
±10
±35
±50
±150
pA
pA
pA
LTC2068
–40°C to 85°C
–40°C to 125°C
l
l
±10
±65
±70
±170
pA
pA
pA
in
Input Noise Current Spectral Density
f ≤ 100Hz
35
fA/√Hz
en
Input Noise Voltage Spectral Density
f ≤ 100Hz
80
nV/√Hz
en P–P
Input Noise Voltage
DC to 10Hz
1.7
μVP–P
CIN
Input Capacitance
Differential
Common Mode
3.3
3.5
pF
pF
VCMR
Input Voltage Range
Guaranteed by CMRR
l
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common Mode Rejection Ratio
VCM = (V–) – 0.1V to (V+) + 0.1V
RL = 499k
l
111
108
134
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 1.7V to 5.25V
RL = 499k
l
108
106
126
dB
dB
EMIRR
EMI Rejection Ratio
VRF = 100mVPK
EMIRR = 20 • log(VRF/ΔVOS)
f = 400MHz
f = 900MHz
f = 1800MHz
f = 2400MHz
66
79
90
76
dB
dB
dB
dB
AVOL
Open Loop Gain
VOUT = (V–) + 0.1V to (V+) – 0.1V, RL = 499k
l
112
110
140
dB
dB
VOL
Output Voltage Swing Low (VOUT – V–)
RL = 499k
0.1
mV
RL = 10k
l
5.5
15
20
mV
mV
VOH
Output Voltage Swing High (V+ – VOUT)
RL = 499k
0.15
mV
RL = 10k
l
7
15
20
mV
mV
ISC
Output Short Circuit Current
Sourcing
l
30
16
51
mA
mA
Sinking
l
20
5
48
mA
mA
SR
Slew Rate
AV = +1
17.5
V/ms
GBW
Gain Bandwidth Product
RL = 499k
100
kHz
tON
Power-Up Time
0.4
ms
fC
Internal Chopping Frequency
25
kHz
VS
Supply Voltage Range
Guaranteed by PSRR
l
1.7
5.25
V
IS
Supply Current per Amplifier
No Load
–40°C to 85°C
–40°C to 125°C
l
l
7.5
10
12.5
20
μA
μA
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VS = 5V, VCM = VOUT = VS/2, VSHDN = 5V,
RL to VS/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com