Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 7 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT6003 Datasheet HTML 3Page - Analog Devices LT6003 Datasheet HTML 4Page - Analog Devices LT6003 Datasheet HTML 5Page - Analog Devices LT6003 Datasheet HTML 6Page - Analog Devices LT6003 Datasheet HTML 7Page - Analog Devices LT6003 Datasheet HTML 8Page - Analog Devices LT6003 Datasheet HTML 9Page - Analog Devices LT6003 Datasheet HTML 10Page - Analog Devices LT6003 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2063/LTC2064/LTC2065
7
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Temperature
4050 TYPICAL UNITS
VS = 5V
INPUT BIAS CURRENT (pA)
–8 –7 –6 –5 –4 –3 –2 –1 0
1
2
0
200
400
600
800
1000
2063 G10
TA = 25°C
4050 TYPICAL UNITS
VS = 1.8V
INPUT BIAS CURRENT (pA)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
400
800
1200
1600
2000
2063 G11
TA = 25°C
VS = 5V
IB (+IN)
IB (–IN)
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–10
–8
–6
–4
–2
0
2
4
6
8
10
2063 G12
Input Bias Current Distribution
Input Bias Current Distribution
Input Offset and Average Current
vs Input Common Mode Voltage
Input Offset and Average Current
vs Input Common Mode Voltage
Input Bias Current vs
Input Common Mode Voltage
Input Bias Current vs
Input Common Mode Voltage
Input Bias Current vs
Supply Voltage
VS = 5V
TA = 25°C
IB (–IN)
IB (+IN)
VCM (V)
–0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2063 G13
VS = 1.8V
TA = 25°C
IB (–IN)
IB (+IN)
VCM (V)
–0.5
0
0.5
1
1.5
2
2.5
–5
–4
–3
–2
–1
0
1
2
3
4
5
2063 G14
VCM = VS/2
TA = 25°C
IB (+IN)
IB (–IN)
VS (V)
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2063 G15
DC to 10Hz Voltage Noise
VS = 1.8V
TA = 25°C
IAVG
IOS
VCM (V)
–0.5
0
0.5
1
1.5
2
2.5
–5
–4
–3
–2
–1
0
1
2
3
4
5
2063 G17
TIME (1s/DIV)
2063 G18
VS = 5V
TA = 25°C
IAVG
IOS
VCM (V)
–0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
–10
–8
–6
–4
–2
0
2
4
6
8
10
2063 G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com