Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 19 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT6003 Datasheet HTML 15Page - Analog Devices LT6003 Datasheet HTML 16Page - Analog Devices LT6003 Datasheet HTML 17Page - Analog Devices LT6003 Datasheet HTML 18Page - Analog Devices LT6003 Datasheet HTML 19Page - Analog Devices LT6003 Datasheet HTML 20Page - Analog Devices LT6003 Datasheet HTML 21Page - Analog Devices LT6003 Datasheet HTML 22Page - Analog Devices LT6003 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC2063/LTC2064/LTC2065
19
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
There are benefits when the SHDN pin is used to disable
and enable the part in duty-cycled applications, rather
than powering down the external supply voltage (V+).
Powering up and powering down the external supply will
tend to waste charge due to charging and discharging the
external decoupling capacitors. For these power-cycled
applications, a relay or MOS device can be located after
the decoupling capacitors to alleviate this, however there
are drawbacks to this approach. The LTC2063 draws an
initial charge of approximately 2nC when powered up.
This recurring charge loss is unavoidable in power-cycled
applications. Additionally, if the supply ramp rate exceeds
0.4V/µs, an internal transient ESD clamp will trigger, con-
ducting additional current from V+ to V–. This will waste
charge and can make insignificant any savings that may
have been expected by power-cycling the supply. Figure 8
shows the charge loss at power-up.
The shutdown pin can be used to overcome these limita-
tions in duty-cycled applications. The typical charge loss
transitioning into and out of shutdown is only 1nC. Since
the supply is not transitioned, the external decoupling
capacitors do not draw charge from the supply.
SUPPLY EDGE RATE (V/µs)
0.1
1
2
1
10
100
2063 F08
Figure 8. LTC2063 Power-Up Charge vs Supply Edge Rate
Gas Sensor
This low power precision gas sensor circuit operates in
an oxygen level range of 0% to 30%, with a nominal out-
put of 1V in normal atmospheric oxygen concentrations
(20.9%) when the gas sensor has been fully initialized.
Total active power consumption is less than 2.1μA on a
single rail supply.
Since this gas sensor produces 100μA in a normal oxy-
gen environment and requires a 100Ω load resistor, the
resulting input signal is typically around 10mV. The
LTC2063’s rail-to-rail input means no additional DC level
shifting is necessary, all the way down to very low oxygen
concentrations.
Due to the extremely low input offset voltage of the
LTC2063, which is 1μV typically and 5μV maximum, it is
possible to gain up the mV-scale input signal substantially
without introducing significant error. In the configuration
shown in Figure 9, with a noninverting gain of 101V/V, the
worst-case input offset results in a maximum of 0.5mV
offset on the 1V output, or 0.05% error.
Although the 100kΩ resistor in series with the gas sen-
sor does not strictly have the same precision requirement
as the 10MΩ and 100kΩ resistors that set the gain, it is
important to use a similar resistor at both input terminals.
This helps to minimize additional offset voltage at the inputs
due to thermocouple effects, hence the similar 0.1% pre-
cision requirement.
Figure 9. Micropower Precision Oxygen Sensor
100k
0.1%
100
0.1%
100k
0.1%
10M
0.1%
OXYGEN SENSOR
CITY TECHNOLOGY
40XV
VOUT = 1V IN AIR
ISUPPLY = 1.4µA (ENABLED)
90nA (SHUTDOWN)
www.citytech.com
VSHDN
2063 F09
1.8V
LTC2063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com