Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 9 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT6003 Datasheet HTML 5Page - Analog Devices LT6003 Datasheet HTML 6Page - Analog Devices LT6003 Datasheet HTML 7Page - Analog Devices LT6003 Datasheet HTML 8Page - Analog Devices LT6003 Datasheet HTML 9Page - Analog Devices LT6003 Datasheet HTML 10Page - Analog Devices LT6003 Datasheet HTML 11Page - Analog Devices LT6003 Datasheet HTML 12Page - Analog Devices LT6003 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2063/LTC2064/LTC2065
9
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Transient with
Sinusoidal Input
Shutdown Transient with
Sinusoidal Input
VS = 5V
AV = +1
IS
VIN
VOUT
–1 0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
–0.2
–0.1
0
0.1
0.2
0.3
0.4
2063 G27
TIME (ms)
VSHDN
IS
VIN
VOUT
VS = 1.8V
AV = +1
–1 0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
–0.2
–0.1
0
0.1
0.2
0.3
0.4
2063 G28
TIME (ms)
VSHDN
Enable Transient with
Sinusoidal Input
Enable Transient with
Sinusoidal Input
VS = 5V, AV = +1
IS
VIN
VOUT
–1 0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
–0.2
–0.1
0
0.1
0.2
0.3
0.4
2063 G29
TIME (ms)
VSHDN
VS = 1.8V
AV = +1
VSHDN
IS
VOUT
VIN
TIME (ms)
–1 0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
–0.2
–0.1
0
0.1
0.2
0.3
0.4
2063 G30
Closed Loop Output Impedance
vs Frequency
Output Impedance in Shutdown
vs Frequency
LTC2064 Crosstalk vs Frequency
VS = 5V
AV = +1
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
0.1
1
10
100
1k
10k
100k
1M
2063 G31
VS = 5V
AV = +1
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
1k
10k
100k
1M
10M
100M
1G
10G
2063 G32
RL = 10k
B TO A
A TO B
FREQUENCY (Hz)
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
2063 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com