Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 1 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 1 Page - Analog Devices

  LT6003 Datasheet HTML 1Page - Analog Devices LT6003 Datasheet HTML 2Page - Analog Devices LT6003 Datasheet HTML 3Page - Analog Devices LT6003 Datasheet HTML 4Page - Analog Devices LT6003 Datasheet HTML 5Page - Analog Devices LT6003 Datasheet HTML 6Page - Analog Devices LT6003 Datasheet HTML 7Page - Analog Devices LT6003 Datasheet HTML 8Page - Analog Devices LT6003 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2063/LTC2064/LTC2065
1
Rev. C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
2µA Supply Current,
Low IB, Zero-Drift Operational Amplifiers
The LTC®2063/LTC2064/LTC2065 are single, dual,
and quad low power, zero-drift, 20kHz amplifiers. The
LTC2063/LTC2064/LTC2065 enable high resolution mea-
surement at extremely low power levels.
Typical supply current is 1.4µA per amplifier with a max-
imum of 2µA. The available shutdown mode has been
optimized to minimize power consumption in duty-cycled
applications and features low charge loss during pow-
er-up, reducing total system power.
The LTC2063/LTC2064/LTC2065’s self-calibrating cir-
cuitry results in very low input offset (5µV max) and offset
drift (0.02µV/°C). The maximum input bias current is only
20pA and does not exceed 100pA over the full specified
temperature range. The extremely low input bias current
of the LTC2063/LTC2064/LTC2065 allows the use of high
value power-saving resistors in the feedback network.
With its ultralow quiescent current and outstanding pre-
cision, the LTC2063/LTC2064/LTC2065 can serve as a
signal chain building block in portable, energy harvest-
ing and wireless sensor applications.
The LTC2063 is available in 6-lead SC70 and 5-lead
TSOT-23 packages. The LTC2064 is available in 8-lead
MSOP and 10-lead DFN packages. The LTC2065 is avail-
able in 14-lead TSSOP and 16-lead 3mm × 3mm QFN
packages. These devices are fully specified over the –40°C
to 85°C and –40°C to 125°C temperature ranges.
Micropower Precision Oxygen Sensor
Duty Cycle Lowers System Power
APPLICATIONS
n
Low Supply Current: 2μA Maximum (per Amplifier)
n
Offset Voltage: 5μV Maximum
n
Offset Voltage Drift: 0.02μV/°C Maximum
n
Input Bias Current:
n
3pA Typical
n
30pA Maximum, –40°C to 85°C
n
100pA Maximum, –40°C to 125°C
n
Integrated EMI Filter (114dB Rejection at 1.8GHz)
n
Shutdown Current: 170nA Maximum (per Amplifier)
n
Rail-to-Rail Input and Output
n
1.7V to 5.25V Operating Supply Range
n
AVOL: 140dB Typical
n
Low-Charge Power-Up for Duty Cycled Applications
n
Specified Temperature Ranges:
n
–40°C to 85°C
n
–40°C to 125°C
n
SC70, TSOT23, MS8, DFN10, TSSOP14 and
QFN16 Packages
n
Signal Conditioning in Wireless Mesh Networks
n
Portable Instrumentation Systems
n
Low-Power Sensor Conditioning
n
Gas Detection
n
Temperature Measurement
n
Medical Instrumentation
n
Energy Harvesting Applications
n
Low Power Current Sensing
All registered trademarks and trademarks are the property of their respective owners.
100k
0.1%
100
0.1%
100k
0.1%
10M
0.1%
OXYGEN SENSOR
CITY TECHNOLOGY
40XV
VOUT = 1V IN AIR
ISUPPLY = 1.4µA (ENABLED)
90nA (SHUTDOWN)
www.citytech.com
VSHDN
2063 TA01
1.8V
LTC2063
40ms/DIV
CHARGE
20nC/DIV
VOUT
1V/DIV
VSHDN
2V/DIV
2063 TA01b


Similar Part No. - LT6003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6003 LINER-LT6003 Datasheet
291Kb / 20P
1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Dimensions Semic...
LT6003 LINEAR_DIMENSIONS-LT6003 Datasheet
1Mb / 20P
1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT6003 LINER-LT6003 Datasheet
1Mb / 20P
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
LT6003 AD-LT6003 Datasheet
4Mb / 30P
10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
Rev. B
logo
Littelfuse
LT60030-1 LITTELFUSE-LT60030-1 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
More results

Similar Description - LT6003

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Analog Devices
LTC2063 AD-LTC2063 Datasheet
2Mb / 24P
2關A Supply Current, Low IB, Zero-Drift Operational Amplifier
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
10關A Supply Current Low IB, Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com