Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 24 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT6003 Datasheet HTML 20Page - Analog Devices LT6003 Datasheet HTML 21Page - Analog Devices LT6003 Datasheet HTML 22Page - Analog Devices LT6003 Datasheet HTML 23Page - Analog Devices LT6003 Datasheet HTML 24Page - Analog Devices LT6003 Datasheet HTML 25Page - Analog Devices LT6003 Datasheet HTML 26Page - Analog Devices LT6003 Datasheet HTML 27Page - Analog Devices LT6003 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2063/LTC2064/LTC2065
24
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Micropower 16-Bit Data Acquisition with Single-to-Differential Input Driver
16-BIT
OUTPUT
OUT-NONINV
OUT-INV
IN
SINGLE-ENDED INPUT SIGNAL
1.25V OFFSET REQUIRED
MAX 250mVPP
TOTAL ISUPPLY:
193.6µA CONVERSION
< 38.6µA SLEEP MODE
+3.3V RAIL FOR WHOLE SYSTEM
+2.7V OK IF ADC INTERFACE PERMITS
DIFFERENTIAL ANALOG OUTPUT SIGNAL
1.25V OFFSET
FULL SCALE ±1.25V
2063 TA06
+3.3V
+3.3V
+3.3V
+3.3V
R3
100
R4
100
C4
10nF
C1
1µF
R2
100k
R1
11k
C2
100nF
R5
11k
C7
1µF
C6
0.1µF
+3.3V
R8
100
R9
100
C5
10nF
R7
158k
R6
15.8k
C3
100nF
1.25V
1.25V
1.25V
GAIN = +10V/V, FILTER BW = 10Hz
GAIN = –10V/V, FILTER BW = 10Hz
REF
GND
V+
LT1790-1.25
GND
OUT
IN
LTC2480
1/2 LTC2064
1/2 LTC2064
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com