Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 23 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT6003 Datasheet HTML 19Page - Analog Devices LT6003 Datasheet HTML 20Page - Analog Devices LT6003 Datasheet HTML 21Page - Analog Devices LT6003 Datasheet HTML 22Page - Analog Devices LT6003 Datasheet HTML 23Page - Analog Devices LT6003 Datasheet HTML 24Page - Analog Devices LT6003 Datasheet HTML 25Page - Analog Devices LT6003 Datasheet HTML 26Page - Analog Devices LT6003 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2063/LTC2064/LTC2065
23
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Parallel LTC2064 Amplifiers to Reduce Noise by √2
VOUT = VREF/2 ±ILOAD × RSENSE × GAIN
GAIN = 2M/14k
12V
2063 TA03
–
+
VREF
2M
14k
14k
2M
2M
2M
2M
RSENSE
10m
LT6656-3
10µF
BAT
>3.1V
10µF
ILOAD CURRENT
TO BE MEASURED
(BI-DIRECTIONAL)
0.1% RESISTORS TO MAINTAIN OFFSET ACCURACY
LTC2063
IN
OUT
OUT
IN
2063 TA05
–
+
1.5V
–1.5V R6
909k
R5
100k
1.5V
–1.5V
R2
909k
R1
100k
R3
100
R4
100
1/2 LTC2064
1/2 LTC2064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com