Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 8 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6003 Datasheet HTML 4Page - Analog Devices LT6003 Datasheet HTML 5Page - Analog Devices LT6003 Datasheet HTML 6Page - Analog Devices LT6003 Datasheet HTML 7Page - Analog Devices LT6003 Datasheet HTML 8Page - Analog Devices LT6003 Datasheet HTML 9Page - Analog Devices LT6003 Datasheet HTML 10Page - Analog Devices LT6003 Datasheet HTML 11Page - Analog Devices LT6003 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2063/LTC2064/LTC2065
8
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Input Referred Voltage Noise
Density
Input Referred Current Noise
Density
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
10
100
1k
10k
2063 G19
VS = 1.8V
VS = 5V
RF FREQUENCY (GHz)
0.05
0.1
1
4
40
60
80
100
120
2063 G21
VIN = 100mVPK
EMIRR = 20log(100mV/∆VOS)
EMI Rejection vs Frequency
VS = 5V
VCM = 2.5V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 50k
10
100
1k
2063 G20
VS = 5V
RL = 499kΩ
PHASE
GAIN
CL = 0pF
CL = 47pF
CL = 100pF
FREQUENCY (Hz)
–40
–20
0
20
40
60
80
100
120
140
–270
–240
–210
–180
–150
–120
–90
–60
–30
0
2063 G25
100µ 1m 10m 100m 1 10 100 1k 10k 100k 1M
VS = 1.8V
RL = 499kΩ
PHASE
GAIN
CL = 0pF
CL = 47pF
CL = 100pF
FREQUENCY (Hz)
100µ 1m 10m100m 1 10 100 1k 10k 100k 1M
–40
–20
0
20
40
60
80
100
120
140
–270
–240
–210
–180
–150
–120
–90
–60
–30
0
2063 G26
Open Loop Gain and Phase
vs Frequency
Open Loop Gain and Phase
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
Closed Loop Gain vs Frequency
AV = +1000
AV = +100
AV = +10
AV = –1
AV = +1
VS = 5V
RL = 499kΩ
FREQUENCY (Hz)
1
10
100
1k
10k
100k
–30
–20
–10
0
10
20
30
40
50
60
70
2063 G24
VS = 5V
RL = 499kΩ
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
140
2063 G22
VS = 5V
RL = 499kΩ
+PSRR
–PSRR
FREQUENCY (Hz)
1
10
100
1k
10k
100k
0
20
40
60
80
100
120
2063 G23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com