Electronic Components Datasheet Search
  English  ▼

X  

LT6003 Datasheet(PDF) 3 Page - Analog Devices

Part # LT6003
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6003 Datasheet(HTML) 3 Page - Analog Devices

  LT6003 Datasheet HTML 1Page - Analog Devices LT6003 Datasheet HTML 2Page - Analog Devices LT6003 Datasheet HTML 3Page - Analog Devices LT6003 Datasheet HTML 4Page - Analog Devices LT6003 Datasheet HTML 5Page - Analog Devices LT6003 Datasheet HTML 6Page - Analog Devices LT6003 Datasheet HTML 7Page - Analog Devices LT6003 Datasheet HTML 8Page - Analog Devices LT6003 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2063/LTC2064/LTC2065
3
Rev. C
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 6)
VS = 1.7V
l
1
±5
±10
μV
μV
ΔVOS/ΔT Input Offset Voltage Drift (Note 6)
–40°C to 85°C
–40°C to 125°C
l
l
±0.03
±0.06
μV/°C
µV/°C
IB
Input Bias Current (Note 7)
0.5
pA
IOS
Input Offset Current (Note 7)
1
pA
in
Input Noise Current Spectral Density
f ≤ 100Hz
12
fA/√Hz
en
Input Noise Voltage Spectral Density
f ≤ 100Hz
230
nV/√Hz
en P-P
Input Noise Voltage
DC to 10Hz
4.8
μVP–P
CIN
Input Capacitance
Differential
Common Mode
3.3
3.5
pF
pF
VCMR
Input Voltage Range
Guaranteed by CMRR
l
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common Mode Rejection Ratio (Note 8)
VCM = (V–) – 0.1V to (V+) + 0.1V
RL = 499k
l
103
100
130
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 1.7V to 5.25V
RL = 499k
l
108
106
126
dB
dB
AVOL
Open Loop Gain
VOUT = (V–) + 0.1V to (V+) – 0.1V, RL = 499k
135
dB
VOL
Output Voltage Swing Low (VOUT – V–)
RL = 499k
0.05
mV
RL = 10k
l
3
10
20
mV
mV
VOH
Output Voltage Swing High (V+ – VOUT)
RL = 499k
0.1
mV
RL = 10k
l
4.5
10
50
mV
mV
ISC
Output Short Circuit Current
Sourcing
l
5.8
5.6
7.5
mA
mA
Sinking
l
10.4
5
13
mA
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VS = 1.8V, VCM = VOUT = VS/2, VSHDN = 1.8V,
RL to VS/2.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2065IUD#PBF
LTC2065IUD#TRPBF
LHKT
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC2065HUD#PBF
LTC2065HUD#TRPBF
LHKT
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC2065IF#PBF
LTC2065IF#TRPBF
LTC2065
14-Lead TSSOP
–40°C to 85°C
LTC2065HF#PBF
LTC2065HF#TRPBF
LTC2065
14-Lead TSSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Parts ending with PBF are RoHS and WEEE compliant.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com