Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 129Page - Renesas Technology Corp H838024R Datasheet HTML 130Page - Renesas Technology Corp H838024R Datasheet HTML 131Page - Renesas Technology Corp H838024R Datasheet HTML 132Page - Renesas Technology Corp H838024R Datasheet HTML 133Page - Renesas Technology Corp H838024R Datasheet HTML 134Page - Renesas Technology Corp H838024R Datasheet HTML 135Page - Renesas Technology Corp H838024R Datasheet HTML 136Page - Renesas Technology Corp H838024R Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 91 of 652
REJ09B0042-0700
Interrupts IRQ4, IRQ3, IRQ1 and IRQ0
Interrupts IRQ4, IRQ3, IRQ1, and IRQ0 are requested by input signals to pins
IRQ
4,
IRQ
3,
IRQ
1,
and
IRQ
0. These interrupts are detected by either rising edge sensing or falling edge sensing,
depending on the settings of bits IEG4, IEG3, IEG1, and IEG0 in IEGR.
When these pins are designated as pins
IRQ
4,
IRQ
3,
IRQ
1, and
IRQ
0 in port mode register B, 2,
and 1 and the designated edge is input, the corresponding bit in IRR1 is set to 1, requesting an
interrupt. Recognition of these interrupt requests can be disabled individually by clearing bits
IEN4, IEN3, IEN1, and IEN0 to 0 in IENR1. These interrupts can all be masked by setting the I
bit to 1 in CCR.
When IRQ4, IRQ3, IRQ1, and IRQ0 interrupt exception handling is initiated, the I bit is set to 1 in
CCR. Vector numbers 8, 7, 5, and 4 are assigned to interrupts IRQ4, IRQ3, IRQ1, and IRQ0. The
order of priority is from IRQ0 (high) to IRQ4 (low). Table 3.2 gives details.
IRQAEC Interrupt
The IRQAEC interrupt is requested by an input signal to pin IRQAEC and IECPWM (output of
PWM for AEC). When the IRQAEC input pin is to be used as an external interrupt, set ECPWME
in AEGSR to 0. This interrupt is detected by rising edge, falling edge, or both edge sensing,
depending on the settings of bits AIEGS1 and AIEGS0 in AEGSR.
When bit IENEC2 in IENR1 is 1 and the designated edge is input, the corresponding bit in IRR1 is
set to 1, requesting an interrupt.
When IRQAEC interrupt exception handling is initiated, the I bit is set to 1 in CCR. Vector
number 6 is assigned to the IRQAEC interrupt exception handling. Table 3.2 gives details.
3.3.4
Internal Interrupts
There are 9 internal interrupts that can be requested by the on-chip peripheral modules. When a
peripheral module requests an interrupt, the corresponding bit in IRR1 or IRR2 is set to 1.
Recognition of individual interrupt requests can be disabled by clearing the corresponding bit in
IENR1 or IENR2. All these interrupts can be masked by setting the I bit to 1 in CCR. When
internal interrupt handling is initiated, the I bit is set to 1 in CCR. Vector numbers from 20 to 18
and 16 to 11 are assigned to these interrupts. Table 3.2 shows the order of priority of interrupts
from on-chip peripheral modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com