Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 131Page - Renesas Technology Corp H838024R Datasheet HTML 132Page - Renesas Technology Corp H838024R Datasheet HTML 133Page - Renesas Technology Corp H838024R Datasheet HTML 134Page - Renesas Technology Corp H838024R Datasheet HTML 135Page - Renesas Technology Corp H838024R Datasheet HTML 136Page - Renesas Technology Corp H838024R Datasheet HTML 137Page - Renesas Technology Corp H838024R Datasheet HTML 138Page - Renesas Technology Corp H838024R Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 93 of 652
REJ09B0042-0700
• If the interrupt request is accepted, after processing of the current instruction is completed,
both PC and CCR are pushed onto the stack. The state of the stack at this time is shown in
figure 3.4. The PC value pushed onto the stack is the address of the first instruction to be
executed upon return from interrupt handling.
• The I bit of CCR is set to 1, masking further interrupts.
• The vector address corresponding to the accepted interrupt is generated, and the interrupt
handling routine located at the address indicated by the contents of the vector address is
executed.
Notes: 1. When disabling interrupts by clearing bits in an interrupt enable register, or when
clearing bits in an interrupt request register, always do so while interrupts are masked
(I = 1).
2. If the above clear operations are performed while I = 0, and as a result a conflict arises
between the clear instruction and an interrupt request, exception processing for the
interrupt will be executed after the clear instruction has been executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com