Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 130Page - Renesas Technology Corp H838024R Datasheet HTML 131Page - Renesas Technology Corp H838024R Datasheet HTML 132Page - Renesas Technology Corp H838024R Datasheet HTML 133Page - Renesas Technology Corp H838024R Datasheet HTML 134Page - Renesas Technology Corp H838024R Datasheet HTML 135Page - Renesas Technology Corp H838024R Datasheet HTML 136Page - Renesas Technology Corp H838024R Datasheet HTML 137Page - Renesas Technology Corp H838024R Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 92 of 652
REJ09B0042-0700
3.3.5
Interrupt Operations
Interrupts are controlled by an interrupt controller. Figure 3.2 shows a block diagram of the
interrupt controller. Figure 3.3 shows the flow up to interrupt acceptance.
Interrupt controller
Interrupt
request
CCR (CPU)
I
External or
internal
interrupts
External
interrupts or
internal
interrupt
enable
signals
Figure 3.2 Block Diagram of Interrupt Controller
Interrupt operation is described as follows.
• When an interrupt condition is met while the interrupt enable register bit is set to 1, an
interrupt request signal is sent to the interrupt controller.
• When the interrupt controller receives an interrupt request, it sets the interrupt request flag.
• From among the interrupts with interrupt request flags set to 1, the interrupt controller selects
the interrupt request with the highest priority and holds the others pending. (Refer to table 3.2
for a list of interrupt priorities.)
• The interrupt controller checks the I bit of CCR. If the I bit is 0, the selected interrupt request
is accepted; if the I bit is 1, the interrupt request is held pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com