Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 137Page - Renesas Technology Corp H838024R Datasheet HTML 138Page - Renesas Technology Corp H838024R Datasheet HTML 139Page - Renesas Technology Corp H838024R Datasheet HTML 140Page - Renesas Technology Corp H838024R Datasheet HTML 141Page - Renesas Technology Corp H838024R Datasheet HTML 142Page - Renesas Technology Corp H838024R Datasheet HTML 143Page - Renesas Technology Corp H838024R Datasheet HTML 144Page - Renesas Technology Corp H838024R Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 99 of 652
REJ09B0042-0700
3.4.2
Notes on Rewriting Port Mode Registers
When a port mode register is rewritten to switch the functions of external interrupt pins and when
the value of ECPWME in AEGSR is rewritten to switch between selection/non-selection of
IRQAEC, the following points should be observed.
When an external interrupt pin function is switched by rewriting the port mode register that
controls pins
IRQ
4,
IRQ
3,
IRQ
1,
IRQ
0,
WKP
7 to
WKP
0, the interrupt request flag may be set to 1 at
the time the pin function is switched, even if no valid interrupt is input at the pin. Be sure to clear
the interrupt request flag to 0 after switching pin functions. When the value of ECPWME in
AEGSR that sets selection/non-selection of IRQAEC is rewritten, the interrupt request flag may
be set to 1, even if a valid edge has not arrived on the selected IRQAEC or IECPWM (PWM
output for AEC). Therefore, be sure to clear the interrupt request flag to 0 after switching the pin
function. Table 3.5 shows the conditions under which interrupt request flags are set to 1 in this
way.
Table 3.5
Conditions under which Interrupt Request Flag is Set to 1
Interrupt Request
Flags Set to 1
Conditions
IRR1
IRRI4
When PMR1 bit IRQ4 is changed from 0 to 1 while pin
IRQ4 is low and IEGR bit
IEG4 = 0.
When PMR1 bit IRQ4 is changed from 1 to 0 while pin
IRQ4 is low and IEGR bit
IEG4 = 1.
IRRI3
When PMR1 bit IRQ3 is changed from 0 to 1 while pin
IRQ3 is low and IEGR bit
IEG3 = 0.
When PMR1 bit IRQ3 is changed from 1 to 0 while pin
IRQ3 is low and IEGR bit
IEG3 = 1.
IRREC2
When an edge as designated by AIEGS1 and AIEGS0 in AEGSR is detected
because the values on the IRQAEC pin and of IECPWM at switching are different
(e.g., when the rising edge has been selected and ECPWME in AEGSR is changed
from 1 to 0 while pin IRQAEC is low and IECPWM = 1).
IRRI1
When PMRB bit IRQ1 is changed from 0 to 1 while pin
IRQ1 is low and IEGR bit
IEG1 = 0.
When PMRB bit IRQ1 is changed from 1 to 0 while pin
IRQ1 is low and IEGR bit
IEG1 = 1.
IRRI0
When PMR2 bit IRQ0 is changed from 0 to 1 while pin
IRQ0 is low and IEGR bit
IEG0 = 0.
When PMR2 bit IRQ0 is changed from 1 to 0 while pin
IRQ0 is low and IEGR bit
IEG0 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com