| Electronic Components Datasheet Search |
|
H838024R Datasheet(PDF) 142 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024R Datasheet(HTML) 142 Page - Renesas Technology Corp |
|
142 / 697 page ![]() Section 3 Exception Handling Rev. 7.00 Mar 10, 2005 page 100 of 652 REJ09B0042-0700 Interrupt Request Flags Set to 1 Conditions IWPR IWPF7 When PMR5 bit WKP7 is changed from 0 to 1 while pin WKP7 is low and WEGR bit WKEGS7 = 0. When PMR5 bit WKP7 is changed from 1 to 0 while pin WKP7 is low and WEGR bit WKEGS7 = 1. IWPF6 When PMR5 bit WKP6 is changed from 0 to 1 while pin WKP6 is low and WEGR bit WKEGS6 = 0. When PMR5 bit WKP6 is changed from 1 to 0 while pin WKP6 is low and WEGR bit WKEGS6 = 1. IWPF5 When PMR5 bit WKP5 is changed from 0 to 1 while pin WKP5 is low and WEGR bit WKEGS5 = 0. When PMR5 bit WKP5 is changed from 1 to 0 while pin WKP5 is low and WEGR bit WKEGS5 = 1. IWPF4 When PMR5 bit WKP4 is changed from 0 to 1 while pin WKP4 is low and WEGR bit WKEGS4 = 0. When PMR5 bit WKP4 is changed from 1 to 0 while pin WKP4 is low and WEGR bit WKEGS4 = 1. IWPF3 When PMR5 bit WKP3 is changed from 0 to 1 while pin WKP3 is low and WEGR bit WKEGS3 = 0. When PMR5 bit WKP3 is changed from 1 to 0 while pin WKP3 is low and WEGR bit WKEGS3 = 1. IWPF2 When PMR5 bit WKP2 is changed from 0 to 1 while pin WKP2 is low and WEGR bit WKEGS2 = 0. When PMR5 bit WKP2 is changed from 1 to 0 while pin WKP2 is low and WEGR bit WKEGS2 = 1. IWPF1 When PMR5 bit WKP1 is changed from 0 to 1 while pin WKP1 is low and WEGR bit WKEGS1 = 0. When PMR5 bit WKP1 is changed from 1 to 0 while pin WKP1 is low and WEGR bit WKEGS1 = 1. IWPF0 When PMR5 bit WKP0 is changed from 0 to 1 while pin WKP0 is low and WEGR bit WKEGS0 = 0. When PMR5 bit WKP0 is changed from 1 to 0 while pin WKP0 is low and WEGR bit WKEGS0 = 1. Figure 3.7 shows the procedure for setting a bit in a port mode register and clearing the interrupt request flag. When switching a pin function, mask the interrupt before setting the bit in the port mode register (or AEGSR). After accessing the port mode register (or AEGSR), execute at least one instruction (e.g., NOP), then clear the interrupt request flag from 1 to 0. If the instruction to clear the flag is |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |