Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 143Page - Renesas Technology Corp H838024R Datasheet HTML 144Page - Renesas Technology Corp H838024R Datasheet HTML 145Page - Renesas Technology Corp H838024R Datasheet HTML 146Page - Renesas Technology Corp H838024R Datasheet HTML 147Page - Renesas Technology Corp H838024R Datasheet HTML 148Page - Renesas Technology Corp H838024R Datasheet HTML 149Page - Renesas Technology Corp H838024R Datasheet HTML 150Page - Renesas Technology Corp H838024R Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 105 of 652
REJ09B0042-0700
4.1.3
Register Descriptions
Table 4.1 lists the registers that control the clock pulse generators. The registers listed in table 4.1
are only implemented in the H8/38124 Group.
Table 4.1
Clock Pulse Generator Control Registers
Name
Abbreviation
R/W
Initial Value
Address
Clock pulse generator control
register
OSCCR
R/W
—
H'FFF5
Clock Pulse Generator Control Register (OSCCR)
Bit
7
65
43
21
0
SUBSTP
—
—
—
—
IRQAECF
OSCF
—
Initial value
0
0
0
0
0
—
—
0
Read/Write
R/W
R
R/W
R/W
R/W
R
R
R/W
OSCCR is an 8-bit read/write register that contains the flag indicating the selection of system
clock oscillator or on-chip oscillator, indicates the input level of the IRQAEC pin during resets,
and controls whether the subclock oscillator operates or not.
Bit 7—Subclock Oscillator Stop Control (SUBSTP)
Bit 7 controls whether the subclock oscillator operates or not. It can be set to 1 only in the active
mode (high-speed/medium-speed). Setting bit 7 to 1 in the subactive mode will cause the LSI to
stop operating.
Bit 7
SUBSTP
Description
0
Subclock oscillator operates
(initial value)
1
Subclock oscillator stopped
Bit 6—Reserved
This bit is reserved. It is always read as 0 and cannot be written to.
Bits 5 to 3—Reserved
These bits are read/write enabled reserved bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com