Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 144Page - Renesas Technology Corp H838024R Datasheet HTML 145Page - Renesas Technology Corp H838024R Datasheet HTML 146Page - Renesas Technology Corp H838024R Datasheet HTML 147Page - Renesas Technology Corp H838024R Datasheet HTML 148Page - Renesas Technology Corp H838024R Datasheet HTML 149Page - Renesas Technology Corp H838024R Datasheet HTML 150Page - Renesas Technology Corp H838024R Datasheet HTML 151Page - Renesas Technology Corp H838024R Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 106 of 652
REJ09B0042-0700
Bit 2—IRQAEC Flag (IRQAECF)
This bit indicates the IRQAEC pin input level set during resets.
Bit 2
IRQAECF
Description
0
IRQAEC pin set to GND during resets
1
IRQAEC pin set to VCC during resets
Bit 1—OSC Flag (OSCF)
This bit indicates the oscillator operating with the system clock pulse generator.
Bit 1
OSCF
Description
0
System clock oscillator operating (on-chip oscillator stopped)
1
On-chip oscillator operating (system clock oscillator stopped)
Bit 0—Reserved
This bit is reserved. Never write 1 to this bit, as it can cause the LSI to malfunction.
4.2
System Clock Generator
Clock pulses can be supplied to the system clock divider either by connecting a crystal or ceramic
oscillator, or by providing external clock input. As shown in figure 4.2, the H8/38124 Group
supports selection between a system clock oscillator and an on-chip oscillator. See section 4.2,
On-Chip Oscillator Selection Method, for information on selecting the on-chip oscillator.
Connecting a Crystal Oscillator
Figure 4.3(1) shows a typical method of connecting a crystal oscillator to the H8/38024 or
H8/38024R Group, and figure 4.3(2) shows a typical method of connecting a crystal oscillator to
the H8/38024S and H8/38124 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com