Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 284Page - Renesas Technology Corp H838024R Datasheet HTML 285Page - Renesas Technology Corp H838024R Datasheet HTML 286Page - Renesas Technology Corp H838024R Datasheet HTML 287Page - Renesas Technology Corp H838024R Datasheet HTML 288Page - Renesas Technology Corp H838024R Datasheet HTML 289Page - Renesas Technology Corp H838024R Datasheet HTML 290Page - Renesas Technology Corp H838024R Datasheet HTML 291Page - Renesas Technology Corp H838024R Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 246 of 652
REJ09B0042-0700
Name
Functions
Internal Clock
Event
Input Pin
Waveform
Output Pin
Remarks
Asynchro-
nous event
counter
•
16-bit counter
•
Also usable as two
independent 8-bit
counters
•
Counts events
asynchronous to
φ and φw
•
Can count asynchronous
events (rising/falling/both
edges) independ-ently of
the MCU's internal clock
φ/2 to φ/8
(3 choices)
AEVL
AEVH
IRQAEC
—
Note: * The watchdog timer functions differently on the H8/38024, H8/38024S, H8/38024R Group
and H8/38124 Group. See section 9.6, Watchdog Timer, for details.
9.2
Timer A
9.2.1
Overview
Timer A is an 8-bit timer with interval timing and real-time clock time-base functions. The clock
time-base function is available when a 32.768 kHz crystal resonator is connected as the subclock.
Features
Features of timer A are given below.
• Choice of eight internal clock sources (φ/8192, φ/4096, φ/2048, φ/512, φ/256, φ/128, φ/32,
φ/8).
• Choice of four overflow periods (1 s, 0.5 s, 0.25 s, 31.25 ms) when timer A is used as a clock
time base (using a 32.768 kHz crystal resonator is connected as the subclock).
• An interrupt is requested when the counter overflows.
• Use of module standby mode enables this module to be placed in standby mode independently
when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com