Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 281Page - Renesas Technology Corp H838024R Datasheet HTML 282Page - Renesas Technology Corp H838024R Datasheet HTML 283Page - Renesas Technology Corp H838024R Datasheet HTML 284Page - Renesas Technology Corp H838024R Datasheet HTML 285Page - Renesas Technology Corp H838024R Datasheet HTML 286Page - Renesas Technology Corp H838024R Datasheet HTML 287Page - Renesas Technology Corp H838024R Datasheet HTML 288Page - Renesas Technology Corp H838024R Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 243 of 652
REJ09B0042-0700
8.13
Application Note
8.13.1
The Management of the Un-Use Terminal
If an I/O pin not used by the user system is floating, pull it up or down.
• If an unused pin is an input pin, handle it in one of the following ways:
 Pull it up to V
CC with an on-chip pull-up MOS.
 Pull it up to V
CC with an external resistor of approximately 100 k
Ω.
 Pull it down to V
SS with an external resistor of approximately 100 k
Ω.
 For a pin also used by the A/D converter, pull it up to AV
CC.
• If an unused pin is an output pin, handle it in one of the following ways:
 Set the output of the unused pin to high and pull it up to V
CC with an on-chip pull-up MOS.
 Set the output of the unused pin to high and pull it up to V
CC with an external resistor of
approximately 100 k
Ω.
 Set the output of the unused pin to low and pull it down to GND with an external resistor of
approximately 100 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com