Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 277Page - Renesas Technology Corp H838024R Datasheet HTML 278Page - Renesas Technology Corp H838024R Datasheet HTML 279Page - Renesas Technology Corp H838024R Datasheet HTML 280Page - Renesas Technology Corp H838024R Datasheet HTML 281Page - Renesas Technology Corp H838024R Datasheet HTML 282Page - Renesas Technology Corp H838024R Datasheet HTML 283Page - Renesas Technology Corp H838024R Datasheet HTML 284Page - Renesas Technology Corp H838024R Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 239 of 652
REJ09B0042-0700
8.11.3
Pin Functions
Table 8.30 shows the port B pin functions.
Table 8.30
Port B Pin Functions
Pin
Pin Functions and Selection Method
PB7/AN7
The pin function depends on bits CH3 to CH0 in AMR.
CH3 to CH0
Not 1011
1011
Pin function
PB7 input pin
AN7 input pin
PB6/AN6
The pin function depends on bits CH3 to CH0 in AMR.
CH3 to CH0
Not 1010
1010
Pin function
PB6 input pin
AN6 input pin
PB5/AN5
The pin function depends on bits CH3 to CH0 in AMR.
CH3 to CH0
Not 1001
1001
Pin function
PB5 input pin
AN5 input pin
PB4/AN4
The pin function depends on bits CH3 to CH0 in AMR.
CH3 to CH0
Not 1000
1000
Pin function
PB4 input pin
AN4 input pin
PB3/AN3/
IRQ
1/
TMIC
The pin function depends on bits CH3 to CH0 in AMR and bit IRQ1 in PMRB and
bits TMC2 to TMC0 in TMC.
IRQ1
01
CH3 to CH0
Not 0111
0111
*
TMC2 to TMC0
*
Not 111
111
Pin function
PB3 input pin AN3 input pin
IRQ
1 input pin
TMIC input
pin
Note:
When this pin is used as the TMIC input pin, clear IEN1 to 0 in IENR1 to
disable the IRQ1 interrupt.
PB2/AN2
The pin function depends on bits CH3 to CH0 in AMR.
CH3 to CH0
Not 0110
0110
Pin function
PB2 input pin
AN2 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com