Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 278Page - Renesas Technology Corp H838024R Datasheet HTML 279Page - Renesas Technology Corp H838024R Datasheet HTML 280Page - Renesas Technology Corp H838024R Datasheet HTML 281Page - Renesas Technology Corp H838024R Datasheet HTML 282Page - Renesas Technology Corp H838024R Datasheet HTML 283Page - Renesas Technology Corp H838024R Datasheet HTML 284Page - Renesas Technology Corp H838024R Datasheet HTML 285Page - Renesas Technology Corp H838024R Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 240 of 652
REJ09B0042-0700
Pin
Pin Functions and Selection Method
PB1/AN1/extU
Switching is accomplished by combining CH3 to CH0 in AMR and VINTUSEL in
LVDCR as shown below. Note that VINTUSEL is implemented on the H8/38124
Group only.
VINTUSEL
0
1
CH3 to CH0
Not B'0101
B'0101
*
Pin function
PB1 input pin
AN1 input pin
extU input pin
Note:
The extU pin is implemented on the H8/38124 Group only.
PB0/AN0/extD
Switching is accomplished by combining CH3 to CH0 in AMR and VINTDSEL in
LVDCR as shown below. Note that VINTDSEL is implemented on the H8/38124
Group only.
VINTDSEL
0
1
CH3 to CH0
Not B'0100
B'0100
*
Pin function
PB0 input pin
AN0 input pin
extD input pin
Note:
The extD pin is implemented on the H8/38124 Group only.
*: Don’t care
8.12
Input/Output Data Inversion Function
8.12.1
Overview
With input pin RXD32 and output pin TXD32, the data can be handled in inverted form.
SCINV2
RXD32
P41/RXD32
SCINV3
TXD32
P42/TXD32
Figure 8.11 Input/Output Data Inversion Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com