Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 280Page - Renesas Technology Corp H838024R Datasheet HTML 281Page - Renesas Technology Corp H838024R Datasheet HTML 282Page - Renesas Technology Corp H838024R Datasheet HTML 283Page - Renesas Technology Corp H838024R Datasheet HTML 284Page - Renesas Technology Corp H838024R Datasheet HTML 285Page - Renesas Technology Corp H838024R Datasheet HTML 286Page - Renesas Technology Corp H838024R Datasheet HTML 287Page - Renesas Technology Corp H838024R Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 242 of 652
REJ09B0042-0700
Bit 3—TXD32 Pin Output Data Inversion Switch
Bit 3 specifies whether or not TXD32 pin output data is to be inverted.
Bit 3
SCINV3
Description
0TXD32 output data is not inverted
(initial value)
1TXD32 output data is inverted
Bit 2—RXD32 Pin Input Data Inversion Switch
Bit 2 specifies whether or not RXD32 pin input data is to be inverted.
Bit 2
SCINV2
Description
0RXD32 input data is not inverted
(initial value)
1RXD32 input data is inverted
Bits 1 and 0—Reserved
Bits 1 and 0 are reserved; they can only be written with 0.
8.12.3
Note on Modification of Serial Port Control Register
When a serial port control register is modified, the data being input or output up to that point is
inverted immediately after the modification, and an invalid data change is input or output. When
modifying a serial port control register, do so in a state in which data changes are invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com