Electronic Components Datasheet Search
  English  ▼

X  

MP2667GG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2667GG
Description  5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2667GG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2667GG Datasheet HTML 1Page - Monolithic Power Systems MP2667GG Datasheet HTML 2Page - Monolithic Power Systems MP2667GG Datasheet HTML 3Page - Monolithic Power Systems MP2667GG Datasheet HTML 4Page - Monolithic Power Systems MP2667GG Datasheet HTML 5Page - Monolithic Power Systems MP2667GG Datasheet HTML 6Page - Monolithic Power Systems MP2667GG Datasheet HTML 7Page - Monolithic Power Systems MP2667GG Datasheet HTML 8Page - Monolithic Power Systems MP2667GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MP2667
– 1A, SINGLE-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2667 Rev. 1.0
www.MonolithicPower.com
2
5/8/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION
USB
Port
1
μF
2.2
μF
System Load
Host
IN
VDD
INT
SDA
SCL
SYS
BATT
GND
Li-ion
Battery
Pack
NTC
10
μF
IN
MP2667
Q1
Q2
Table 1: Operation Mode Table
FET On/Off
Change By
Control
I2C Control
HZ = 1
CEB = 1
FET_DIS = 1*
Enter Hi-Z
Mode
Charge
Control
Enter Shipping
Mode
LDO FET
Off
x
x
Battery FET
(charging)
x
Off
Off
Battery FET
(discharging)
x
x
Off
x = N/A
* FET_DIS goes back to 0 when the battery FET is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com