Electronic Components Datasheet Search
  English  ▼

X  

MP2667GG Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2667GG
Description  5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2667GG Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2667GG Datasheet HTML 27Page - Monolithic Power Systems MP2667GG Datasheet HTML 28Page - Monolithic Power Systems MP2667GG Datasheet HTML 29Page - Monolithic Power Systems MP2667GG Datasheet HTML 30Page - Monolithic Power Systems MP2667GG Datasheet HTML 31Page - Monolithic Power Systems MP2667GG Datasheet HTML 32Page - Monolithic Power Systems MP2667GG Datasheet HTML 33Page - Monolithic Power Systems MP2667GG Datasheet HTML 34Page - Monolithic Power Systems MP2667GG Datasheet HTML 35Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
MP2667
– 1A, SINGLE-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2667 Rev. 1.0
www.MonolithicPower.com
32
5/8/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
CONTROL FLOWCHART (continued)
SYS Reguation
VSYS < 1.5V?
IIN > IIN_LIM?
No
Yes
Regulate IIN at IIN_LIM
Start 60μs Timer
Yes
No
No
Turn Off Q1 & Q2
Start 800μs Timer
Yes
800
μs Expires?
No
Turn On Q1 & Q2
Yes
Battery
Supplement
VSYS < 1.5V?
IBATT > IBATTOC?
Yes
Regulate IBATT at IDSCHG
Start 60μs Timer
Yes
No
No
Yes
No
Turn On Q1 & Q2
Yes
IIN > 1.15A (Fast Off)
Fixed Current Limit
No
Yes
IBATT > 2A (Fast Off)
Fixed Current Limit
No
Yes
Turn Off Q1 & Q2
Start 800μs Timer
No
60
μs Expires?
800
μs Expires?
60
μs Expires?
Figure 12: System Short-Circuit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com