Electronic Components Datasheet Search
  English  ▼

X  

MP2667GG Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2667GG
Description  5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2667GG Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2667GG Datasheet HTML 1Page - Monolithic Power Systems MP2667GG Datasheet HTML 2Page - Monolithic Power Systems MP2667GG Datasheet HTML 3Page - Monolithic Power Systems MP2667GG Datasheet HTML 4Page - Monolithic Power Systems MP2667GG Datasheet HTML 5Page - Monolithic Power Systems MP2667GG Datasheet HTML 6Page - Monolithic Power Systems MP2667GG Datasheet HTML 7Page - Monolithic Power Systems MP2667GG Datasheet HTML 8Page - Monolithic Power Systems MP2667GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
MP2667
– 1A, SINGLE-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2667 Rev. 1.0
www.MonolithicPower.com
3
5/8/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2667GG-xxxx**
QFN-10 (2mmx2mm)
See Below
EVKT-MP2667
Evaluation kit
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP2667GG-xxxx–Z).
**
“xxxx” is the configuration code identifier for the register settings. For the default case, the number is “0000.”
Each “x” can have a hexadecimal value between 0 and F. Contact an MPS FAE to create this unique number,
even if ordering the “0000” code.
TOP MARKING
JQ: Product code of MP2667GG
Y: Year code
LLL: Lot number
EVALUATION KIT EVKT-MP2667
EVKT-MP2667 kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
EV2667-C-00A
MP2667 evaluation board
1
2
EVKT-USBI2C-02-
bag
Include one USB to I2C communication interface, one
USB cable, and one ribbon cable
1
3
Online resources
Include datasheet, user guide, product brief, and GUI
1
Order direct from MonolithicPower.com or our distributors.
USB to I
2C
Communication
Interface
USB Cable
Ribbon Cable
Input Power
Supply
EV2667-G-00A
Load
Input
Output
GUI
Figure 1: EVKT-MP2667 Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com