Electronic Components Datasheet Search
  English  ▼

X  

MP2667GG Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2667GG
Description  5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2667GG Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2667GG Datasheet HTML 2Page - Monolithic Power Systems MP2667GG Datasheet HTML 3Page - Monolithic Power Systems MP2667GG Datasheet HTML 4Page - Monolithic Power Systems MP2667GG Datasheet HTML 5Page - Monolithic Power Systems MP2667GG Datasheet HTML 6Page - Monolithic Power Systems MP2667GG Datasheet HTML 7Page - Monolithic Power Systems MP2667GG Datasheet HTML 8Page - Monolithic Power Systems MP2667GG Datasheet HTML 9Page - Monolithic Power Systems MP2667GG Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
MP2667
– 1A, SINGLE-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2667 Rev. 1.0
www.MonolithicPower.com
6
5/8/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, VBATT = 3.5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Source and Battery Protection
Input voltage range
VIN
13
V
Input operation voltage
VIN
4.35
5.0
5.5
V
Battery input voltage (5)
VBATT
4.5
V
Input over-voltage
protection trigger threshold
VIN_OVP
Input rising threshold
5.85
6.00
6.15
V
Input over-voltage
protection recover
threshold
367
mV
Input under-voltage lockout
threshold
VIN_UVLO
Input rising threshold
3.8
3.9
4.0
V
Input under-voltage lockout
threshold hysteresis
180
mV
Input vs. battery voltage
headroom threshold
VHDRM
Input rising vs. battery
90
110
130
mV
Input vs. battery voltage
headroom threshold
hysteresis
66
mV
Battery under-voltage
lockout threshold
VBATT_UVLO
Battery voltage falling,
programmable, VBATT_UVLO = 2.8V
2.6
2.8
3.0
V
Battery UVLO range
Programmable using I2C
2.4
3.1
V
Battery under-voltage
threshold hysteresis
VBATT_UVLO = 2.8V
227
mV
Battery over-voltage
protection threshold
VBATT_OVP
Rising, higher than VBATT_REG
128
mV
Falling, higher than VBATT_REG
63
Power Path Management
System regulation voltage
VSYS_REG
VIN = 5.5V, ISYS = 10mA, ICHG = 0A
4.85
5.00
5.15
V
Input current limit range
I2C programmable
77
993
mA
Input current limit
IIN_LIM
REG00[2:0] = 000 - 77mA
59
68
77
mA
REG00[2:0] = 001 - 118mA
95
107
118
REG00[2:0] = 011 - 470mA
410
440
470
REG00[2:0] = 111 - 993mA
875
934
993
Input minimum voltage
regulation
VIN_MIN
I2C-programmable range
3.88
5.08
V
I2C setting VIN_MIN = 4.20V
4.10
4.20
4.30
I2C setting VIN_MIN = 4.60V
4.50
4.60
4.70
SYS output voltage
VSYS
Charging mode, VIN = 5.5V,
VBATT = 3.7V
4.85
5.00
5.15
V
Supplement mode, VBATT = 3.7V,
IBATT = 100mA
3.6
VIN < VIN_UVLO and VBATT <
VBATT_UVLO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com