Electronic Components Datasheet Search
  English  ▼

X  

MP2667GG Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2667GG
Description  5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2667GG Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2667GG Datasheet HTML 9Page - Monolithic Power Systems MP2667GG Datasheet HTML 10Page - Monolithic Power Systems MP2667GG Datasheet HTML 11Page - Monolithic Power Systems MP2667GG Datasheet HTML 12Page - Monolithic Power Systems MP2667GG Datasheet HTML 13Page - Monolithic Power Systems MP2667GG Datasheet HTML 14Page - Monolithic Power Systems MP2667GG Datasheet HTML 15Page - Monolithic Power Systems MP2667GG Datasheet HTML 16Page - Monolithic Power Systems MP2667GG Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
MP2667
– 1A, SINGLE-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2667 Rev. 1.0
www.MonolithicPower.com
13
5/8/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, IIN_LIM = 470mA, ICC = 257mA, VIN_MIN = 4.6V, unless otherwise noted.
Power-On
VBATT = 3.7V, ISYS = 0A
Power-Off
VBATT = 3.7V, ISYS = 0A
CH2: VBATT
1V/div.
CH3: VSYS
1V/div.
CH1: VIN
1V/div.
CH4: IBATT
100mA/div.
CH1: VIN
1V/div.
CH3: VSYS
1V/div.
CH2: VBATT
1V/div.
CH4: IBATT
100mA/div.
2ms/div.
4ms/div.
Charge Enable
VBATT = 3.7V, ISYS = 0A
Charge Disable
VBATT = 3.7V, ISYS = 0A
CH1: VIN
1V/div.
CH3: VSYS
1V/div.
CH2: VBATT
1V/div.
CH4: IBATT
100mA/div.
CH1: VIN
1V/div.
CH3: VSYS
1V/div.
CH2: VBATT
1V/div.
CH4: IBATT
100mA/div.
4ms/div.
4ms/div.
BATT Insertion
VBATT = 3.7V, ISYS = 0A
BATT Removal
VBATT = 3.7V, ISYS = 0A
CH1: VIN
1V/div.
CH3: VSYS
1V/div.
CH2: VBATT
1V/div.
CH4: IBATT
100mA/div.
CH1: VIN
1V/div.
CH3: VSYS
1V/div.
CH2: VBATT
1V/div.
CH4: IBATT
100mA/div.
40ms/div.
40ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com