Electronic Components Datasheet Search
  English  ▼

X  

MP2667GG Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2667GG
Description  5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2667GG Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2667GG Datasheet HTML 5Page - Monolithic Power Systems MP2667GG Datasheet HTML 6Page - Monolithic Power Systems MP2667GG Datasheet HTML 7Page - Monolithic Power Systems MP2667GG Datasheet HTML 8Page - Monolithic Power Systems MP2667GG Datasheet HTML 9Page - Monolithic Power Systems MP2667GG Datasheet HTML 10Page - Monolithic Power Systems MP2667GG Datasheet HTML 11Page - Monolithic Power Systems MP2667GG Datasheet HTML 12Page - Monolithic Power Systems MP2667GG Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
MP2667
– 1A, SINGLE-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2667 Rev. 1.0
www.MonolithicPower.com
9
5/8/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Thermal Protection
Thermal shutdown threshold
(5)
TJ_SHDN
150
°C
Thermal shutdown
hysteresis (5)
20
°C
NTC output current
INTC
CE = L, VNTC = 3V
-100
0
100
nA
NTC cold temperature rising
threshold
VCOLD
As a percentage of VIN
64
66
68
%
NTC cold temperature rising
threshold hysteresis
30
mV
NTC hot temperature falling
threshold
VHOT
As a percentage of VIN
33
35
37
%
NTC hot temperature falling
threshold hysteresis
65
mV
Logic I/O Pin Characteristics (5)
Low logic voltage threshold
VL
0.4
V
High logic voltage threshold
VH
1.3
V
I2C Interface (SDA, SCL)
Input high voltage level
VIH
VPULL_UP = 1.8V, SDA and SCL
1.3
V
Input low voltage level
VIL
VPULL_UP = 1.8V, SDA and SCL
0.4
V
Output low voltage level
VOL
ISINK = 5mA
0.4
V
I2C clock frequency
fSCL
400
kHz
Digital Clock and Watchdog Timer
Digital clock 2
fDIG2
32
kHz
Watchdog timer
tWDT
Programmable (REG05[5:4] = 11)
140
165
190
s
Safety timer for fast
charging cycle (5)
tTMR_FAST
Programmable (REG05[2:1] =
00), tTMR_FAST = 20hrs
20
hrs
Programmable (REG05[2:1] =
01), tTMR_FAST = 5hrs
5.0
Programmable (REG05[2:1] =
10), tTMR_FAST = 8hrs
8.0
Programmable (REG05[2:1] =
11), tTMR_FAST = 12hrs
12.0
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com