Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  AM52350B Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
1/22
2x20W Stereo Class-D Audio Amplifier with Power Limit
Features
 Single supply voltage
4.5V ~ 26V for loudspeaker driver
Built-in LDO output 5V for others
 Loudspeaker power from 24V supply
BTL Mode: 20W/CH into 8
 @<1% THD+N
PBTL Mode: 40W/CH into 4
 @<10% THD+N
 Loudspeaker power from 12V supply
BTL Mode: 10W/CH into 8
 @10% THD+N
 88% efficient Class-D operation eliminates need
for heat sink
 Differential inputs
 Four selectable, fixed gain settings
 Internal oscillator
 Short-Circuit protection with auto recovery option
 Under-Voltage detection
 Over-Voltage protection
 Pop noise and click noise reduction
 Adjustable power limit function for speaker
protection
 Output DC detection for speaker protection
 Filter-Free operation
 Over temperature protection with auto recovery
 Superior EMC performance
Applications
 TV audio
 Boom-Box
 Powered speaker
 Monitors
 Consumer Audio Equipment
Description
The AD52068 is a high efficiency stereo class-D
audio amplifier with adjustable power limit function.
The loudspeaker driver operates from 4.5V~26V
supply voltage and analog circuit operates at 5V
supply voltage. It can deliver 20W/CH output power
into 8
 loudspeaker within 1% THD+N at 24V
supply voltage and without external heat sink when
playing music.
AD52068
provides
parallel
BTL
(Mono)
application, and it can deliver
40W
into 4
loudspeaker at 24V supply voltage. The adjustable
power limit function allows user to set a voltage rail
lower than half of 5V to limit the amount of current
through the speaker.
Output DC detection prevents speaker damage
from long-time current stress. AD52068 provides
superior EMC performance for filter-free application.
The output short circuit and over temperature
protection include auto-recovery feature.
Simplified Application Circuit
LINN
RINN
AGND
GVDD
SD
PBTL
AD52068
OUTPL
OUTNL
PVCCL
PVCCR
GAIN0
GAIN1
4.5V to 26V
1uF
PLIMIT
LINP
1uF
RINP
LC Filter
OUTPR
OUTNR
FAULT
PGND
1uF
1uF
1uF
AVCC
BSPL
BSNL
BSPR
BSNR
0.22uF
LC Filter
0.22uF
0.22uF
0.22uF


Similar Part No. - AM52350B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
1.2 W High Efficiency Power Amplifier 800 - 960 MHz
AM52-0001SMB MACOM-AM52-0001SMB Datasheet
79Kb / 6P
1.2 W High Efficiency Power Amplifier 800 - 960 MHz
AM52-0001TR MACOM-AM52-0001TR Datasheet
79Kb / 6P
1.2 W High Efficiency Power Amplifier 800 - 960 MHz
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
AM52-0023SMB MACOM-AM52-0023SMB Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
More results

Similar Description - AM52350B

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com