Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button AM52350B Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
6/22
Electrical Characteristics and Specifications of Loudspeaker Driver
 PVCC=24V, R
L=8with passive LC low-pass filter (L=22uH, C=1uF).
SYMBOL
PARAMETER
CONDITION
MIN TYP MAX UNIT
PO
Output power
THD+N=0.28%, f=1kHz, PVCC=24V
20
W
THD+N=10%, f=1kHz, PVCC=12V
10
THD+N
Total harmonic distortion
plus noise
PVCC=24V, RL=8f=1kHz, PO=10W
(half-power)
0.18
%
PVCC=12V, RL=8f=1kHz, PO=5W
(half-power)
0.13
SNR
Signal to noise ratio
Maximum output at THD+N<1%, f=1kHz,
Gain=20dB, a-weighted
103
dB
Vn
Output integrated noise
F=20Hz ~ 20kHz, Gain=20dB, a-weighted
filter, RL=8
93
uV
KSVR
Power Supply Rejection
Ratio
Vripple=200mVpp at 1kHz, Gain=20dB, inputs
ac-grounded
-70
dB
Crosstalk Crosstalk
F=1kHz, VO=1Vrms, Gain=20dB
-90
dB
fOSC
Oscillator frequency
250
310
370
kHz
TSENSOR
Thermal trip point
150
oC
Thermal hysteresis
25
oC
THD + N (%) v.s. Output power (8ohm load)
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
3
Anlr.THD+N Ratio
Left
24V
2
1
Blue
Solid
3
Anlr.THD+N Ratio
Left
18V
5
1
Magenta
Solid
3
Anlr.THD+N Ratio
Left
12V
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
10m
60
20m
50m
100m
200m
500m
1
2
5
10
20
W
Gain=20dB
Load=8ohm
18V
24V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com