Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 17 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 17 Page - Elite Semiconductor Memory Technology Inc.

Back Button AM52350B Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
17/22
OUTP
OUTN
8
22uH
22uH
1uF
1uF
Figure 3. Typical LC Output Filter for 8
 Speaker
OUTP
OUTN
4
22uH
22uH
1uF
1uF
Figure 4. Typical LC Output Filter for 4
 Speaker
 Power supply decoupling capacitor (Cs)
Because of the power loss on the trace between the device and decoupling capacitor,
the decoupling capacitor should be placed close to PVCC and PGND to reduce any
parasitic resistor or inductor. A low ESR ceramic capacitor, typically 1000pF, is
suggested for high frequency noise rejection. For mid-frequency noise filtering, place a
capacitor typically 0.1
F or 1F as close as possible to the device PVCC leads works
best. For low frequency noise filtering, a 100
F or greater capacitor (tantalum or
electrolytic type) is suggested.
Power Supply
1000pF
100uF
0.1uF
PVCC
Figure 5. Recommended Power Supply Decoupling Capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com