Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 12 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 12 Page - Elite Semiconductor Memory Technology Inc.

Back Button AM52350B Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
12/22
Operation Descriptions
 Gain settings
The gain of the AD52068 is set by two input pins, GAIN0 and GAIN1. By varying input
resistance in AD52068, the various volume gains are achieved. The respective volume
gain and input resistance are listed in Table 1. However, there is 20% variation in input
resistance from production variation.
Table 1. Volume gain and input impedance
GAIN1
GAIN0
Volume Gain (dB) Input Resistance, Rin (k)
0
0
20
60
0
1
26
30
1
0
32
15
1
1
36
9
 Shutdown ( SD) control
Pulling SD pin low will let AD52068 operate in low-current state for power conservation.
The AD52068 outputs will enter mute once SD pin is pulled low, and regulator will also
disable to save power. If let SD pin floating, the chip will enter shutdown mode because
of the internal pull low resistor. For the best power-off performance, place the chip in the
shutdown mode in advance of removing the power supply.
 DC detection
AD52068 has dc detection circuit to protect the speakers from DC current which might
be occurred as input capacitor defect or inputs short on printed circuit board. The
detection circuit detects first volume amplifier stage output, when both differential
outputs
’ voltage become higher than a determined voltage or lower than a determined
voltage for more than 420ms, the dc detect error will occur and report to FAULT pin. At
the same time, loudspeaker drivers of right/left channel will disable and enter Hi-Z. This
fault can not be cleared by cycling SD , it is necessary to cycle the PVCC supply.
The minimum differential input voltages required to trigger the DC detect function are
shown in table2. The input voltage must keep above the voltage listed in the table for
more than 420msec to trigger the DC detect fault. The equivalent class-D output duty of
the DC detect threshold is listed in table3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com