Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button AM52350B Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
21/22
Revision History
Revision
Date
Description
0.1
2016.09.29
Initial version.
1.0
2016.11.15
Modified version to 1.0, removed preliminary
1.1
2016.11.09
Modified Package Dimensions
1.2
2017.03.16
1) Modify performance data with LC filter.
2) Modify application circuit with LC filter.
1.3
2017.04.19
1) Added performance data.
2) Modified Absolute maximum ratings.
Page.4, 7, 8
1.4
2018.01.22
Modify ESD data.
1.5
2018.06.11
Modify MOQ for AD52068-QG28NRR
1.6
2019.01.21
1) Modify application circuit(stereo & Mono).
2) Modify gain electrical characteristics.
3) Modify Package dimension.
1.7
2019.03.21
Remove AD52068-QG28NRT for order information
1.8
2020.01.09
Update operation descriptions for under-voltage detection.
Update application circuit.
1.9
2020.01.17
Modify pin description.
2.0
2020.02.03
Modify power limit function.
2.1
2020.07.16
Update Package Dimensions
“D2”
2.2
2021.04.27
Modify power limit formula.
2.3
2021.05.20
Modify pin description.
2.4
2021.10.28
1) Added IAVCC spec. into.
2) Modified OVP description.
3) Updated RAVCC formula in application circuit.
4) Added power on/off sequence into.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com