Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AM52350B Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
2/22
Pin Assignments
GAIN0
LINN
AVCC
GAIN1
LINP
PVCCL
PGND
OUTPL
BSNL
OUTNL
BSPL
1
2
3
4
5
6
7
28
27
26
25
24
23
22
8
9
10
11
12
13
14
21
20
19
18
17
16
15
PBTL
PLIM
AGND
GVDD
RINP
PVCCR
PGND
BSNR
OUTNR
BSPR
RINN
OUTPR
E-TSSOP-28L
SD
FAULT
(TOP VIEW)
TEST
PVCCL
PVCCR
Pin Description
NAME
E-TSSOP
-28L
TYP
DESCRIPTION
SD
1
I
Shutdown signal for IC (low = disabled, high = operational). Voltage compliance
to AVCC.
FAULT
2
O
Open drain output used to display short circuit or dc detect fault. Voltage
compliant to AVCC. Short circuit faults can be set to auto-recovery by
connecting FAULTB pin to SD pin. Otherwise, both short circuit faults and dc
detect faults must be reset by cycling AVCC.
LINP
3
I
Positive audio input for left channel. Biased at 1/10 of PVCC supply voltage.
LINN
4
I
Negative audio input for left channel. Biased at 1/10 of PVCC supply voltage.
GAIN0
5
I
Gain select least significant bit. Voltage compliance to AVCC.
GAIN1
6
I
Gain select most significant bit. Voltage compliance to AVCC.
AVCC
7
P
Analog supply.
AGND
8
P
Analog signal ground. Connect to the thermal pad.
GVDD
9
O
5V regulated output, also used as supply for PLIMIT function.
PLIMIT
10
I
Power limit level adjustment. Connect a resistor divider from GVDD to GND to
set power limit. Give V(PLIMIT) <2.4V to set power limit level. Connect to GVDD
(>2.4V) or GND to disable power limit function.
RINN
11
I
Negative audio input for right channel. Biased at 1/10 of PVCC supply voltage.
RINP
12
I
Positive audio input for right channel. Biased at 1/10 of PVCC supply voltage.
TEST
13
I
Test mode pin.
Tie this pin to “High” is prohibited, keep it floating during normal operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com