Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  AM52350B Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
4/22
PIN1 DOT
ESMT
AD52068
Tracking Code
Marking Information
AD52068
● Marking Information
Line 1:LOGO
Line 2:Product No
Line 3:Tracking Code
Absolute Maximum Ratings
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
PVCC
Supply voltage
PVCCL, PVCCR, AVCC
-0.3
30
V
VI
Interface pin voltage
SD, GAIN0, GAIN1, PBTL, FAULT,
-0.3
30
V
PLIMIT
-0.3
5.5
TA
Operating free-air temperature range
-40
85
oC
TJ
Operating junction temperature range
-40
150
oC
Tstg
Storage temperature range
-65
150
oC
RL
Minimum Load Resistance
BTL: PVCC > 13V
4.8
BTL: PVCC ≦ 13V
3.2
PBTL
3.2
ESD
Human Body Model
±2k
V
Charged Device Model
±500
Recommended Operating Conditions
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
PVCC
Supply voltage
AVCC, PVCCL, PVCCR
4.5
26
V
VIH
High-level input voltage
SD, GAIN0, GAIN1, PBTL
2
V
VIL
Low-level input voltage
SD, GAIN0, GAIN1, PBTL
0.8
V
VOL
Low-level output voltage
FAULT, RPULL-UP=100k, VCC=16V
0.8
V
IIH
High-level input current
SD, GAIN0, GAIN1, PBTL, VI=2V,
VCC=18V
50
uA
IIL
Low-level input current
SD, GAIN0, GAIN1, PBTL, VI=0.8V,
VCC=18V
5
uA
TA
Operating free-air
temperature
-40
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com