Electronic Components Datasheet Search
  English  ▼

X  

AM52350B Datasheet(PDF) 13 Page - Elite Semiconductor Memory Technology Inc.

Part # AM52350B
Description  2x20W Stereo Class-D Audio Amplifier with Power Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AM52350B Datasheet(HTML) 13 Page - Elite Semiconductor Memory Technology Inc.

Back Button AM52350B Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AM52350B Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ESMT
AD52068
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 2.4
13/22
Table 2. DC Detect Threshold
AV (dB)
Vin (mV, differential)
20
250
26
125
32
63
36
35
Table 3. Output DC Detect Duty (for Either Channel)
PVCC (V)
Output Duty Exceeds
8
20.8%
12
20.8%
16
20.8%
 Thermal protection
If the internal junction temperature is higher than 150
oC, the outputs of loudspeaker
drivers will be disabled and at low state. The temperature for AD52068 returning to
normal operation is about 125
oC. The variation of protected temperature is about 10%.
Thermal protection faults are NOT reported on the FAULT pin.
 Short-circuit protection
To protect loudspeaker drivers from over-current damage, AD52068 has built-in
short-circuit protection circuit. When the wires connected to loudspeakers are shorted to
each other or shorted to VSS or to PVCC, overload detectors may activate. Once one of
right and left channel overload detectors are active, the amplifier outputs will enter a
Hi-Z state and the protection latch is engaged. The short protection fault is reported on
FAULT
pin as a low state. The latch can be cleared by reset SD or power supply
cycling.
The short circuit protection latch can have auto-recovery function by connect the FAULT
pin directly to SD pin. The latch state will be released after 420msec, and the short
protection latch will re-cycle if output overload is detected again.
 Under-voltage detection
When the GVDD voltage is lower than 2.8V or the AVCC voltage is lower than 4V,
loudspeaker drivers of right/left channel will be disabled and kept at low state. Otherwise,
AD52068 return to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com