Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 4 Page - Texas Instruments

  LM51772 Datasheet HTML 1Page - Texas Instruments LM51772 Datasheet HTML 2Page - Texas Instruments LM51772 Datasheet HTML 3Page - Texas Instruments LM51772 Datasheet HTML 4Page - Texas Instruments LM51772 Datasheet HTML 5Page - Texas Instruments LM51772 Datasheet HTML 6Page - Texas Instruments LM51772 Datasheet HTML 7Page - Texas Instruments LM51772 Datasheet HTML 8Page - Texas Instruments LM51772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
5 Pin Configuration and Functions
1
VCC1
30
LO2
2
SS/ATRK
29
VCC2
3
SYNC
28
PGND
4
DTRK
27
LO1
5
SDA/(CFG3)
26
NC
6
SCL(CFG4)
25
HB1
7
MODE
24
HO1
8
CFG2
23
SW1
9
ADDR/SLOPE(CFG1)
22
CSA
10
CDC
21
CSB
Not to scale
GND
Figure 5-1. RHA Package 40-Pin QFN Top View
LM251772
SNVSCT9 – OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com