Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM51772 Datasheet HTML 20Page - Texas Instruments LM51772 Datasheet HTML 21Page - Texas Instruments LM51772 Datasheet HTML 22Page - Texas Instruments LM51772 Datasheet HTML 23Page - Texas Instruments LM51772 Datasheet HTML 24Page - Texas Instruments LM51772 Datasheet HTML 25Page - Texas Instruments LM51772 Datasheet HTML 26Page - Texas Instruments LM51772 Datasheet HTML 27Page - Texas Instruments LM51772 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
8.3 Feature Description
8.3.1 Buck-Boost Control Scheme
The LM251772 buck-boost control algorithm ensure a seamless transition between the different operating
modes, fixed frequency operation, and power stage protection features. The internal state machine controls the
current flow using three active switching states:
State I: Transistors Q1 and Q3 are conducting. Q2 and Q4 are not conducting (boost mode magnetization state).
State II: Transistors Q1 and Q4 are conducting. Q2 and Q3 are not conducting (boost demagnetization or buck
magnetization state).
State III: Transistors Q2 and Q4 are conducting. Q1 and Q3 are not conducting (buck demagnetization state).
Switch
State I
State II
State III
Q1
ON
ON
OFF
Q2
OFF
OFF
ON
Q3
ON
OFF
OFF
Q4
OFF
ON
ON
VI
VO
IL(peak)
Q1
Q2
Q3
Q4
I
III
II
Figure 8-2. Buck-Boost Active Switching States
8.3.1.1 Buck Mode
In buck mode operation, the converter starts a buck magnetization cycle (state II) with the internal clock signal.
When the inductor reaches its peak current, the converter proceeds to the buck demagnetization (state III). With
the next clock signal, the converter changes back to a buck magnetization cycle and starts a new switching
cycle with sampling the peak current. As long as the duty cycle does not reach the minimum off-time, the current
control remains in buck operating mode.
IL(peak)
II
III
Main Oscil lato r
Clock
Switchi ng
State
Inducto r
Curren t
Figure 8-3. Inductor Current in Continuous Current Buck Operation
LM251772
SNVSCT9 – OCTOBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com