Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 3 Page - Texas Instruments

  LM51772 Datasheet HTML 1Page - Texas Instruments LM51772 Datasheet HTML 2Page - Texas Instruments LM51772 Datasheet HTML 3Page - Texas Instruments LM51772 Datasheet HTML 4Page - Texas Instruments LM51772 Datasheet HTML 5Page - Texas Instruments LM51772 Datasheet HTML 6Page - Texas Instruments LM51772 Datasheet HTML 7Page - Texas Instruments LM51772 Datasheet HTML 8Page - Texas Instruments LM51772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
4 Device Comparison
Table 4-1. Device Comparison
FUNCTION
LM251772
LM51772
LM5177
Maximum Recommended Input
Voltage
36V
55V
60V
Absolute Maximum Input Voltage 48V
59V
85V
Maximum Recommended
Switching Frequency
600kHz
2.2MHz
600kHz
Default Output Voltage Value
5.1V
12V
n/a
Default Output Current Limit
Value
900mA
5A
n/a
Output Start-up State Without
Programming
Disabled
Enabled
Enabled
I2C interface
yes
yes
no
PSM - Automatic Conduction
Mode
yes
yes
no
PSM - Programmable Conduction
Mode
no
yes
no
Output Discharge
yes
yes
no
Input voltage regulation
yes
yes
with external circuit
Analog Current Limit Setting
no
yes
no
Tj Temperature Range
0°C to 70°C
-40°C to 125°C
-40°C to 125°C
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com