Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM51772 Datasheet HTML 7Page - Texas Instruments LM51772 Datasheet HTML 8Page - Texas Instruments LM51772 Datasheet HTML 9Page - Texas Instruments LM51772 Datasheet HTML 10Page - Texas Instruments LM51772 Datasheet HTML 11Page - Texas Instruments LM51772 Datasheet HTML 12Page - Texas Instruments LM51772 Datasheet HTML 13Page - Texas Instruments LM51772 Datasheet HTML 14Page - Texas Instruments LM51772 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
Typical values correspond to TJ=25°C. Minimum and maximum limits apply over TJ=0°C to 70°C. Unless otherwise stated,
V(BIAS) =12 V
PARAMETER
MIN
TYP
MAX UNIT
VT-(SYNC)
Sync input negative going threshold
0.41
V
td(Det,Sync)
Sync activity detection frequency
threshold
refered to f(SYNC)
3
cycle
s
Sync PLL lock time
refered to f(SYNC)
until f(SYNC) - 5% < f(sw)
< f(SYNC) + 5%
10
cycle
s
SYNC high level output voltage drop
EN_SYNC_OUT = 0b1
I(SYNC) = 2 mA, V(VCC2) ≥
3.5 V,
Referenced to V(VCC2)
0.4
V
SYNC low level output voltage
0.3
V
SYNC output drive strength
EN_SYNC_OUT = 0b1
V(VCC2) = 5 V
sink
–42
–31
–22 mA
source
22
34
42 mA
SOFT-START
I(SS)
Soft-start current
9
10
11
uA
SS pull-down switch RDS(on)
V(SS) = 1 V
21
40
Ω
td(DISCH;SS) SS Pin discharge time
Time from internal SS
discharge until the soft-
start current can charge
the pin again
500
µs
td(EN_SS)
SS Pin ramp start delay time
Internal delay until soft-
start current starts
2.5
4
µs
VOUT TRACKING
VT+(DTRK)
DTRK positive-going threshold
V(DTRK) rising
1.19
V
VT-(DTRK)
DTRK negative-going threshold
V(DTRK) falling
0.41
V
DTRK activity dectection
frequency
DTRK
activity
detection
frequency
148
kHz
td(DTRK)
DTRK detection delay time
3
cycle
s
fc(LPF)
Corner frequency of
internal low pass
40
kHz
V(REF)voltage offset error
V(REF)voltag
e offset
error
f(DTRK) = 500kHz, duty =
50%, V(REF) = 1V
±10 mV
PULSE WIDTH MODULATION
Switching frequency
RRT = 316kΩ,
90
100
110 kHz
Minimum controllable on-time
fPWM, RRT = 14 kΩ,
positive inductor current
Boost Mode
64
ns
Buck Mode
107
ns
Minimum controllable off-time
Boost Mode
96
ns
Buck Mode
97
ns
RT regulation voltage
0.75
V
MODE SELECTION
VT+(MODE)
Mode input positive going threshold
1.19
V
VT-(MODE)
Mode input negative going threshold
0.41
V
CURRENT SENSE
Positive peak
current limit threshold
45
50
55 mV
Negative peak current
limit threshold
–56
–50
–44 mV
AVERAGE CURRENT LIMIT
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com