Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM51772 Datasheet HTML 9Page - Texas Instruments LM51772 Datasheet HTML 10Page - Texas Instruments LM51772 Datasheet HTML 11Page - Texas Instruments LM51772 Datasheet HTML 12Page - Texas Instruments LM51772 Datasheet HTML 13Page - Texas Instruments LM51772 Datasheet HTML 14Page - Texas Instruments LM51772 Datasheet HTML 15Page - Texas Instruments LM51772 Datasheet HTML 16Page - Texas Instruments LM51772 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
Typical values correspond to TJ=25°C. Minimum and maximum limits apply over TJ=0°C to 70°C. Unless otherwise stated,
V(BIAS) =12 V
PARAMETER
MIN
TYP
MAX UNIT
VT+(OVP2) Over-voltage rising threshold
V(VOUT) rising
V_OVP2 = 0b111111
53.5
55
56.5
V
Over-voltage de-glitch time
9
10
12.5
µs
nFLT
nFLT pull-down switch RDSON
1mA sinking
85
140
Ω
Under-voltage positive going threshold FB rising (referece to VREF)
92
95
97
%
Under-voltage negative going
threshold
FB falling (referece to VREF)
87
90
93
%
nFLT off-state leakage
V(nFLT)=12V
100
nA
td(nFLT-PIN)
Deglitch filter
20
37
us
MOSFET DRIVER
tr
Rise time
LO1, LO2
CG = 3.3nF
10
ns
tr
Fall time
CG = 3.3nF
8
ns
tf
Rise time
HO1, HO2
CG = 3.3nF
15
ns
tf
Fall time
CG = 3.3nF
15
ns
tt
Transition (Dead) time
CG = 3.3nF
R(RT) = 316 kΩ (0.1
MHz),
SEL_MIN_DEADTIME_
GDRV = 0b01,
SEL_SCALE_DT = 0b1,
EN_CONST_TDEAD =
0b0
42
ns
tt
Transition (Dead) time
CG = 3.3nF
R(RT) = 14.2 kΩ (2.2
MHz),
SEL_MIN_DEADTIME_
GDRV = 0b01,
SEL_SCALE_DT = 0b1,
EN_CONST_TDEAD =
0b0
19.5
ns
Gate driver high side on-
resistance
LO1, LO2
I(test) = 500 mA
1.8
Ω
Gate driver high side on-
resistance
HO1, HO2
1.5
Ω
Gate driver low side on-
resistance
LO1, LO2
0.9
Ω
Gate driver low side on-
resistance
HO1, HO2
0.8
Ω
VTH-
(BOOT_UV)
Negative going boot-strap UVLO
threshold
V(HBx) - V(SWx) falling
2.5
2.7
3.1
V
VTH-
(BOOT_UV)
Boot-strap UVLO
hysteresis
300
mV
VTH+
(BST_OV)
Positive going boot-strap over-voltage
threshold
V(HBx) - V(SWx)
rising, I_HBx=10mA
5.1
5.5
5.9
V
VTH
(GATEOUT)
Gate driver output
switching detection
LO1,LO2
referenced to VCC
37
%
VTH
(GATEOUT)
Gate driver output
switching detection
HO2, HO2
referenced to V(HBx) -
V(SWx)
37
%
THERMAL SHUTDOWN
TT+J
Thermal shutdown
threshold
Thermal
shutdown
threshold
TJ rising
164
°C
Thermal shutdown
hysteresis
Thermal
shutdown
hysteresis
15
°C
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com