Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM51772 Datasheet HTML 17Page - Texas Instruments LM51772 Datasheet HTML 18Page - Texas Instruments LM51772 Datasheet HTML 19Page - Texas Instruments LM51772 Datasheet HTML 20Page - Texas Instruments LM51772 Datasheet HTML 21Page - Texas Instruments LM51772 Datasheet HTML 22Page - Texas Instruments LM51772 Datasheet HTML 23Page - Texas Instruments LM51772 Datasheet HTML 24Page - Texas Instruments LM51772 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
6.7 Typical Characteristics (continued)
The following conditions apply (unless otherwise noted): TJ = 25°C; V(VCC2) = 5V
Te mperature (
C)
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
45
46
47
48
49
50
51
52
53
54
55
Figure 6-25. Peak Current Limit Threshold Voltage Versus
Temperature
Te mperature (
C)
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
Figure 6-26. CSA Input Current versus Temperature
Te mperature (
C)
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
-0.003
-0.0024
-0.0018
-0.0012
-0.0006
0
0.0006
0.0012
0.0018
0.0024
0.003
Figure 6-27. CSB Input Current versus Temperature
Te mperature (
C)
0
10
20
30
40
50
60
70
48
48.4
48.8
49.2
49.6
50
50.4
50.8
51.2
51.6
52
Figure 6-28. Average Current Limit Threshold Voltage Versus
Temperature
ILIM_THRESHOLD = 0x64
Te mperature (
C)
0
10
20
30
40
50
60
70
28.8
29
29.2
29.4
29.6
29.8
30
30.2
30.4
30.6
30.8
31
31.2
Figure 6-29. Average Current Limit Threshold Voltage Versus
Temperature
ILIM_THRESHOLD = 0x3C
Te mperature (
C)
0
10
20
30
40
50
60
70
8.6
8.8
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
Figure 6-30. Average Current Limit Threshold Voltage Versus
Temperature
ILIM_THRESHOLD = 0x14
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com