Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM51772 Datasheet HTML 35Page - Texas Instruments LM51772 Datasheet HTML 36Page - Texas Instruments LM51772 Datasheet HTML 37Page - Texas Instruments LM51772 Datasheet HTML 38Page - Texas Instruments LM51772 Datasheet HTML 39Page - Texas Instruments LM51772 Datasheet HTML 40Page - Texas Instruments LM51772 Datasheet HTML 41Page - Texas Instruments LM51772 Datasheet HTML 42Page - Texas Instruments LM51772 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
8.3.11.2 Output Current Limitation
In this configuration the current sense has an internal feedback to the peak current limit of the device. The ILIM
circuit regulates the ILIMCOMP voltage to V(ISET), and overrides the voltage loop regulation.
the peak current limit down as long as the differential voltage between ISNSP and ISNSN exceeds the internal
offset voltage of the ILIM circuit. The ILIM threshold can be set via the register programming or via the an ISET
resistor in the ILIMCOMP pin.
If the current limit threshold is selected by a resistor the regulation overwrites the voltage loop once V(ISET) is
increasing to the threshold voltage (typ. 1V). The threshold voltage for ISET can be calculated with:
VISET = VISNSP −VISNSN ∙gmILIMCOMP ∙RILIMCOMP
(15)
Hence the resistor value to select the current limit threshold voltage calculates with:
RISET = 
VISET 
VISNSP − VISNSN  ∙gmILIMCOMP
(16)
For high frequency noise suppression a capacitor based on the following equation should be placed in parallel to
R(ISET)
CISET =  1 
π∙ fSW ∙RISET
(17)
If the threshold for the current limit is programmed by the internal DAC the bandwidth of the current limit control
loop can be optimized for different loads with a resistor and capacitor network on the ILIMCOMP pin. A simple
integrator compensation for resistive loads can be selected according the following equations:
CO2= 5
2∙π∙fbw∙RLOAD
(18)
Where CO2 is the capacitance after the average current sense resistor R(SNS)
fbw is the bandwidth of the voltage loop compensation (see Voltage Regulation Loop)
CO1 =CO − CO2 
(19)
Where CO is the total output capacitance determined by the voltage loop calculation and the applications voltage
ripple requirement.
Where CO1 is the capacitance before the average current sense resistor R(SNS)
fp= 1
2∙π∙RSNS ∙CO2
(20)
fbwilim=fp∙10−0.25
(21)
CILIMCOMP =gmILIMCOMP
2π∙fbwilim
(22)
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com