Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet(PDF) 42 Page - Texas Instruments

Part # LM51772
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM51772 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM51772 Datasheet HTML 38Page - Texas Instruments LM51772 Datasheet HTML 39Page - Texas Instruments LM51772 Datasheet HTML 40Page - Texas Instruments LM51772 Datasheet HTML 41Page - Texas Instruments LM51772 Datasheet HTML 42Page - Texas Instruments LM51772 Datasheet HTML 43Page - Texas Instruments LM51772 Datasheet HTML 44Page - Texas Instruments LM51772 Datasheet HTML 45Page - Texas Instruments LM51772 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
8.3.13 Frequency Synchronization
The device features an internal phase looked loop (PLL), which is designed to transition the switching frequency
seamlessly between the frequency set by the RT pin and the external frequency synchronization signal. If
no external frequency is provided, the RT pin sets the center frequency of the synchronization range. The
external synchronization signal can change the switching frequency ±50%. To ensure low quiescent current,
the input buffer of the SYNC pin is disabled if no valid sync frequency, that is a frequency signal outside the
recommended synchronization range is applied.
The f(SW) synchronization stops if the device enters power save mode or μSleep operation, if enabled. Once the
converter enters the PWM operation again, the device re-syncs to a pin signal. The synchronization timings are
given in Figure 8-25
VT(SYNC)
RT
OSC
PLL
BB
CORE
LOGIC
+
±
SYNC
SYNC
ACTIVITY
DETECTION
LIMITER
Figure 8-24. Main Oscillator Functional Block Diagram
V(SYNC)
VT+(SYNC)
PLL lock Cycles
VT-(SYNC)
td(Det,Sync)
RT pro gramed fsw
td(Det,Sync)
fsw Synced
RT pro gramed fsw
Figure 8-25. Timing Diagram SYNC Function
The SYNC pin can be programmed through I2C or configured via R2D interface:
• As input triggering on the rising edge
• As input triggering on the falling edge (180deg phase shift)
• As an output of the main oscillator clock
LM251772
SNVSCT9 – OCTOBER 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com