Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 3 Page - Texas Instruments

  TLV3603MDBVREP Datasheet HTML 1Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 2Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 3Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 4Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 5Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 6Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 7Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 8Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
6
5
4
3
2
1
OUT
V
EE
IN+
IN-
LE/HYST
V
CC
Figure 4-1. DBV Package
6-Pin SOT-23
Top View
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
TLV3603-EP
OUT
1
O
Output (Push-Pull)
VEE
2
–
Negative power supply
IN+
3
I
Non-Inverting (positive) input
IN-
4
I
Inverting (negative) input
LE/HYS
5
I
Adjustable hysteresis control and latch
VCC
6
–
Positive power supply
www.ti.com
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com