Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV3603MDBVREP Datasheet HTML 10Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 11Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 12Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 13Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 14Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 15Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 16Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 17Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
6 Detailed Description
6.1 Overview
The TLV3603-EP is a high-speed comparator with a single-ended (push-pull) output stage. The fast response
time is well suited for applications that require narrow pulse width detection or high toggle frequencies. The
TLV3603-EP is available in a 6-pin SOT23 package.
6.2 Functional Block Diagram
+
–
VCC
VEE
OUT
LE/HYST
6.3 Feature Description
The TLV3603-EP is a single channel, high speed comparator with a typical propagation delay of 2.5ns and a
push-pull output. The minimum pulse width detection capability is 1.5ns and the typical toggle rate is 325MHz.
This comparator is well-suited for distance measurement applications that utilize a time-of-flight architecture as
well as systems that suffer from capacitive loading and require data and clock recovery. In addition to high
speed, the TLV3603-EP offers a rail-to-rail input stage capable of operating up to 300mV beyond each power
supply rail combined with a maximum 7mV input offset. The TLV3603-EP also provides adjustable hysteresis via
an external resistor for noise supression or a latching mode to hold the output of the comparator output.
6.4 Device Functional Modes
The TLV3603-EP has two modes of operation. The first is an active mode where the output reflects the condition
at the inputs when an external resistor is connected to ground on the LE/HYS pin. The resistor value creates
a specified amount of internal hysteresis for the comparator without requiring external, positive feedback. The
second is a latch mode where the output is held at the last active state when the LE/HYS pin is pulled low. The
TLV3603-EP returns to active mode after a short delay when the pin is pulled high.
6.4.1 Inputs
The TLV3603-EP features an input stage capable of operating 300mV below negative power supply (ground)
and 300mV beyond the positive supply voltage, allowing for zero cross detection and maximizing input dynamic
range given a certain power supply. The input stages are protected from conditions where the voltage on either
pin exceeds this level by internal ESD protection diodes to VCC and VEE. An external resistor must be used
to limit the current to less than 10mA to avoid damaging the inputs when exceeding the recommended input
voltage range.
6.4.2 Push-Pull (Single-Ended) Output
The TLV3603-EP output has excellent drive capability and is designed to connect directly to CMOS logic input
devices. Likewise, the comparator output stage is capable of driving capacitive loads. Transient performance
parameters in the Electrical Characteristics Tables and Typical Characteristics section are for a load of 5pF,
corresponding to a standard CMOS load. Device performance for larger capacitive loads can be found in
the typical performance curves titled Propagation Delay vs Load Capacitance. For maximum speed and
performance, output load capacitance must be minimized.
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com