Electronic Components Datasheet Search
  English  ▼

X  

TLV3603MDBVREP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV3603MDBVREP
Description  TLV3603-EP Enhanced Product 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603MDBVREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV3603MDBVREP Datasheet HTML 16Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 17Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 18Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 19Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 20Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 21Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 22Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 23Page - Texas Instruments TLV3603MDBVREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
low state to the NAND input causing the LE/HYS pin of the comparator to be returned to a logic high state. The
latched status is cleared and the TLV3603-EP output can continue to track the status of the input pins.
+
+
LE/HYS
TLV3603-EP
VREF
System
IS
RS
MCU
RESET
ALERT
Figure 7-11. Over-Current Latched Output Circuit
8 Power Supply Recommendations
The TLV3603-EP is designed for operation from 2.4V to 5.5V. While most applications require single supply
operation where VEE is connected to the ground and VCC is connected to the intended power supply level, the
comparators can also be operated with split supplies. One caution when using split supplies is that the output
logic levels are determined by the VCC and VEE levels. For example, if split supplies of +/- 2.5V are used, the
output levels are 2.5V and -2.5V accordingly. In addition, the logic level of the LE/HYS pin is also referenced
to VEE. This means that the external hysteresis resistor or voltage source on the TLV3603-EP needs to be
connected between the LE/HYS pin and VEE (not to ground) for proper operation.
Regardless of single supply or split supply operation, proper decoupling capacitors are required. TI recommends
using a scheme of multiple, low-ESR ceramic capacitors from the supply pins to the ground plane for optimum
performance. A good combination is 100pF, 10nF, and 1uF with the lowest value capacitors closest to the
comparator.
TLV3603-EP
SNOSDK3 – SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3603-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com